Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP581BCP Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP581BCP
Description  Ultrafast SiGe Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP581BCP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP581BCP Datasheet HTML 6Page - Analog Devices ADCMP581BCP Datasheet HTML 7Page - Analog Devices ADCMP581BCP Datasheet HTML 8Page - Analog Devices ADCMP581BCP Datasheet HTML 9Page - Analog Devices ADCMP581BCP Datasheet HTML 10Page - Analog Devices ADCMP581BCP Datasheet HTML 11Page - Analog Devices ADCMP581BCP Datasheet HTML 12Page - Analog Devices ADCMP581BCP Datasheet HTML 13Page - Analog Devices ADCMP581BCP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Preliminary Technical Data
ADCMP580/ADCMP581/ADCMP582
Rev. PrA | Page 10 of 16
OPTIMIZING HIGH SPEED PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential to obtaining the specified performance.
Stray capacitance, inductance, inductive power and ground
impedances, or other layout issues can severely limit
performance and can cause oscillation. Discontinuities along
input and output transmission lines can also severely limit the
specified pulse width dispersion performance.
For applications working in a 50 Ω environment, input and
output matching have a significant impact on data-dependant
(or deterministic) jitter (DJ) and pulse width dispersion
performance. The ADCMP58x family of comparators provides
internal 50 Ω termination resistors for both VP and VN inputs.
The return side for each termination is pinned out separately
with the VTP and VTN pins, respectively. If the a 50 Ω termination
is desired at one or both of the VP/VN inputs, the VTP and VTN
pins can be connected (or disconnected) to (from) the desired
termination potential as appropriate. The termination potential
should be carefully bypassed using ceramic capacitors as
discussed previously to prevent undesired aberrations on the
input signal due to parasitic inductance in the termination
return path. If a 50 Ω termination is not desired, either one or
both of the VTP/VTN termination pins can be left disconnected.
In this case, the open pins should be left floating with no
external pull downs or bypassing capacitors.
For applications that require high speed operation, but do not
have on-chip 50 Ω termination resistors, some reflections
should be expected because the comparator inputs can no
longer provide matched impedance to the input trace leading
up to the device. It then becomes important to back-match the
drive source impedance to the input transmission path leading
to the input to minimize multiple reflections. For applications in
which the comparator is very close to the driving signal source,
the source impedance should be minimized. High source
impedance in combination with parasitic input capacitance of
the comparator could cause undesirable degradation in
bandwidth at the input, thus degrading the overall response.
Although the ADCMP58x family of comparators has been
designed to minimize input capacitance, some parasitic
capacitance is inevitable. It is therefore recommended that the
drive source impedance should be no more than 50 Ω for best
high speed performance.
COMPARATOR PROPAGATION
DELAY DISPERSION
The ADCMP58x family of comparators has been specifically
designed to reduce propagation delay dispersion over a wide
input overdrive range of 5 mV to 500 mV. Propagation delay
dispersion is a change in propagation delays, which results from
a change in the degree of overdrive or slew rate (how far or fast
the input signal exceeds the switching threshold). The overall
result is a higher degree of timing accuracy.
Propagation delay dispersion is a specification which becomes
important in critical timing applications such as data
communication, automatic test and measurement,
instrumentation, and event driven applications such as pulse
spectroscopy, nuclear instrumentation, and medical imaging.
Dispersion is defined as the variation in the overall propagation
delay as the input overdrive conditions are changed (Figure 16
and Figure 17). For the ADCMP58x family of comparators,
dispersion is typically < 25 ps since the overdrive varies from
5 mV to 500 mV, and the input slew rate varies from 1 V/ns to
10 V/ns. This specification applies for both positive and
negative signals since the ADCMP58x family of comparators
has almost equal delays for positive- and negative-going inputs.
Q/Q OUTPUT
INPUT VOLTAGE
500mV OVERDRIVE
5mV OVERDRIVE
DISPERSION
VN ± VOS
Figure 16. Propagation Delay—Overdrive Dispersion
Q/Q OUTPUT
INPUT VOLTAGE
10V/ns
1V/ns
DISPERSION
VN ± VOS
Figure 17. Propagation Delay—Slew Rate Dispersion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com