Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW78 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYW78
Description  Ultra-fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYW78 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYW78 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYW78 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered
trademark
1
Ultra-fast Recovery Rectifier
BYW78
FEATURES
·
WithDO-5 Package
·
Ultra-fast switching
·
High surge current capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Anti-parallel diode for high frequency switching devices
·
Uninterruptible Power Supplies (UPS)
·
Free wheeling diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRSM
VR
repetitive reverse blocking voltage
non-repetitive reverse blocking voltage
Peak inverse voltage
100
V
IF(AV)
Average Rectified Forward Current
(Rated VR) TC= 100℃
50
A
IFSM
Nonrepetitive Peak Surge Current@45℃
(Surge applied at rated load conditions
half-wave, single phase, 50Hz)
1500
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - BYW78

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BYW78-100 MICROSEMI-BYW78-100 Datasheet
93Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
BYW78-100 NJSEMI-BYW78-100 Datasheet
93Kb / 1P
High Efficiency, 50A and 70A
logo
Microsemi Corporation
BYW78-150 MICROSEMI-BYW78-150 Datasheet
93Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
BYW78-150 NJSEMI-BYW78-150 Datasheet
93Kb / 1P
High Efficiency, 50A and 70A
logo
Microsemi Corporation
BYW78-50 MICROSEMI-BYW78-50 Datasheet
93Kb / 2P
RECTIFIERS
More results

Similar Description - BYW78

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RU0049B SSDI-RU0049B Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com