Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP582BCP Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP582BCP
Description  Ultrafast SiGe Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP582BCP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP582BCP Datasheet HTML 7Page - Analog Devices ADCMP582BCP Datasheet HTML 8Page - Analog Devices ADCMP582BCP Datasheet HTML 9Page - Analog Devices ADCMP582BCP Datasheet HTML 10Page - Analog Devices ADCMP582BCP Datasheet HTML 11Page - Analog Devices ADCMP582BCP Datasheet HTML 12Page - Analog Devices ADCMP582BCP Datasheet HTML 13Page - Analog Devices ADCMP582BCP Datasheet HTML 14Page - Analog Devices ADCMP582BCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADCMP580/ADCMP581/ADCMP582
Rev. PrA | Page 11 of 16
COMPARATOR HYSTERESIS
Adding hysteresis to a comparator is often desirable in a noisy
environment or when the differential inputs are very small or
slow moving. The transfer function for a comparator with
hysteresis is shown in Figure 18. If the input voltage approaches
the threshold from the negative direction, the comparator
switches from a low to a high when the input crosses +VH/2.
The new switching threshold becomes −VH/2. The comparator
remains in the high state until the threshold −VH/2 is crossed
coming from the positive direction. In this manner, noise
centered on 0 V input does not cause the comparator to switch
states unless it exceeds the region bounded by ±VH/2.
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. A limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that will reduce high speed performance, and can
even reduce overall stability in some cases.
The ADCMP58x family of comparators offers a programmable
hysteresis feature that can significantly improve the accuracy
and stability of the desired hysteresis. By connecting an external
pull-down resistor from the HYS pin to VEE, a variable amount
of hysteresis can be applied. Leaving the HYS pin disconnected
disables the feature and hysteresis is then less than 1 mV as
specified. The maximum range of hysteresis that can be applied
by using this method is approximately ±25 mV.
Figure 19 illustrates the amount of applied hysteresis as a
function of external resistor value. The advantage of applying
hysteresis in this manner is improved accuracy, stability, and
reduced component count. An external bypass capacitor is not
required on the HYS pin because it would likely degrade the
jitter performance of the device.
OUTPUT
INPUT
0V
0
1
+VH
2
–VH
2
Figure 18. Comparator Hysteresis Transfer Function of the
ADCMP580/ADCMP581
Figure 19. Comparator Hysteresis vs. RHYS Control Resistor
MINIMUM INPUT SLEW RATE REQUIREMENT
As with all high speed comparators, a minimum slew rate must
be met to ensure that the device does not oscillate when the
input signal crosses the threshold. This oscillation is due in part
to the high input bandwidth of the comparator and the
feedback parasitics inherent in the package. Analog Devices
recommends a minimum slew rate of 50 V/µs to ensure a clean
output transition from the ADCMP58x family of comparators
unless hysteresis is programmed as discussed previously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com