Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00WM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE00WM
Description  Lighting for Vision Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00WM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE00WM Datasheet HTML 1Page - Balluff Korea Ltd. BAE00WM Datasheet HTML 2Page - Balluff Korea Ltd. BAE00WM Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lighting for Vision Systems
BAE LX-VS-HI300
Order Code: BAE00WM
Internet
www.balluff.com
eCl@ss 9.1: 27-11-06-35
Subject to change without notice: 252039
ETIM 6.0: EC00996
BAE00WM_0.65_2021-10-12
2 / 3
Mechanical data
Dimension
255 x 9.5 x 330 mm
Mounting part
Threads
Optical features
Illumination area
300 x 200 mm
LED group per IEC 62471
Risk group 1
Light type
LED infrared
Wave length
875 nm
Remarks
Install the device so that no direct view of the light source is possible even during operation.
Overheating protection, shutdown at 65° C
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com