Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00ZP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00ZP
Description  Machine Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00ZP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00ZP Datasheet HTML 1Page - Balluff Korea Ltd. BAE00ZP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Machine Lights
BAE LX-XA-BW0760A-S4
Order Code: BAE00ZP
Internet
www.balluff.com
eCl@ss 9.1: 27-11-03-45
Subject to change without notice: 263831
ETIM 6.0: EC000348
BAE00ZP_0.41_2021-08-13
1 / 2
Basic features
Approval/Conformity
CE
EAC
cULus
WEEE
Scope of delivery
Machine light Ø45 mm
Version
Machine light
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
yes
Electrical data
Current draw max.
1000 mA
Protection class
III
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-20...40 °C
IP rating
IP67
Material
Material
Aluminum Anodized
Borosilicate crown glass
Mechanical data
Dimension
Ø 45 x 800 mm
Optical features
Beam angle
120 °
Color temperature
5000 K
Illumination area
760 x 42 mm
LED group per IEC 62471
Risk group 1
Light intensity
3600 lm
Light type
LED white light diffuse
Remarks
For additional information, refer to user's guide.
Order accessories separately.
Install the device so that no direct view of the light source is possible even during operation.


Similar Part No. - BAE00ZP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00ZK BALLUFF-BAE00ZK Datasheet
100Kb / 2P
Capacitive Sensors
2024-09-02
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
BAE00ZN BALLUFF-BAE00ZN Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
BAE00ZR BALLUFF-BAE00ZR Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
BAE00ZT BALLUFF-BAE00ZT Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
More results

Similar Description - BAE00ZP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00W8 BALLUFF-BAE00W8 Datasheet
117Kb / 2P
Machine Lights
0.37_2021-04-08
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
Machine Lights
0.35_2021-04-08
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-04-08
BAE00Y6 BALLUFF-BAE00Y6 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
BAE00ZN BALLUFF-BAE00ZN Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
BAE00ZR BALLUFF-BAE00ZR Datasheet
116Kb / 2P
Machine Lights
0.41_2021-08-13
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com