Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3290 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3290
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3290 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3290 Datasheet HTML 6Page - Analog Devices LTC3290 Datasheet HTML 7Page - Analog Devices LTC3290 Datasheet HTML 8Page - Analog Devices LTC3290 Datasheet HTML 9Page - Analog Devices LTC3290 Datasheet HTML 10Page - Analog Devices LTC3290 Datasheet HTML 11Page - Analog Devices LTC3290 Datasheet HTML 12Page - Analog Devices LTC3290 Datasheet HTML 13Page - Analog Devices LTC3290 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LTC3290
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Recommended Layout
Figure 6. Maximum Power Dissipation vs Ambient Temperature
Derating Power at High Temperatures
To prevent an overtemperature condition in high power
applications, Figure 6 should be used to determine the
maximumcombinationofambienttemperatureandpower
dissipation.
The power dissipated in the LTC3290 should always fall
under the recommended operation line shown for a given
ambient temperature.
Power dissipated in the LTC3290:
PD = (VIN + VAUX – VOUT) • IOUT
where IOUT denotes the output load current.
The derating curve in Figure 6 assumes a maximum ther-
mal resistance, θJA, of 45°C/W for the package. This can
be achieved with a four layer PCB that includes 2oz Cu
traces and six vias from the exposed pad of the LTC3290
to the ground plane.
It is recommended that the LTC3290 be operated in the
region corresponding to TJ ≤ 150°C for continuous op-
eration as shown in Figure 6. Operation beyond 150°C
should be avoided as it may degrade part performance
andlifetime.Athightemperatures,typicallyaround175°C,
the part goes into thermal shutdown and all outputs are
disabled. When the part cools back down to a low enough
temperature, typically around 165°C, the outputs are re-
enabled and the part resumes normal operation.
AMBIENT TEMPERATURE (°C)
–50
6.0
5.0
3.0
1.0
4.0
2.0
0
50
150
0
100
3290 F06
175
25
125
–25
75
θJA = 45°C/W
RECOMMENDED
OPERATION
THERMAL
SHUTDOWN
TJ = 175°C
TJ = 150°C
VAUX
VOUT
R2
CAUX
R1
GND
GND
BOOST LAYOUT
CIN
VIN
COUT
CBYP
3290 F05
CFLY
VAUX
VOUT
R2
CAUX
R1
GND
GND
VIN TRACKING LAYOUT
CIN
VIN
CBYP
CFLY
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com