Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1421
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1421 Datasheet(HTML) 3 Page - Analog Devices

  LTC1421 Datasheet HTML 1Page - Analog Devices LTC1421 Datasheet HTML 2Page - Analog Devices LTC1421 Datasheet HTML 3Page - Analog Devices LTC1421 Datasheet HTML 4Page - Analog Devices LTC1421 Datasheet HTML 5Page - Analog Devices LTC1421 Datasheet HTML 6Page - Analog Devices LTC1421 Datasheet HTML 7Page - Analog Devices LTC1421 Datasheet HTML 8Page - Analog Devices LTC1421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC4213
3
Rev. A
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISENSEN
SENSEN Input Current
VSENSEP = VSENSEN = 5V, Normal Mode
15
40
80
µA
VSENSEP = VSENSEN = 0, Normal Mode
–1
±15
µA
VSENSEP = VSENSEN = 5V, Reset Mode or
Fault Mode
50
280
µA
VCB
Circuit Breaker Trip Voltage
VCB = VSENSEP – VSENSEN
ISEL = 0, VSENSEP = VCC
l
22.5
25
27.5
mV
ISEL = Floated, VSENSEP = VCC
l
45
50
55
mV
ISEL = VCC, VSENSEP = VCC
l
90
100
110
mV
VCB(FAST)
Fast Circuit Breaker Trip Voltage
VCB(FAST) = VSENSEP – VSENSEN
ISEL = 0, VSENSEP = VCC
l
63
100
115
mV
ISEL = Floated, VSENSEP = VCC
l
126
175
200
mV
ISEL = VCC, VSENSEP = VCC
l
252
325
371
mV
IGATE(UP)
GATE Pin Pull Up Current
VGATE = 0V
l
–50
–100
–150
µA
IGATE(DN)
GATE Pin Pull Down Current
∆VSENSEP – VSENSEN = 200mV, VGATE = 8V l
10
40
mA
∆VGSMAX
External N-Channel Gate Drive
VSENSEN = 0, VCC ≥ 2.97V, IGATE = –1µA
l
4.8
6.5
8
V
VSENSEN = 0, VCC = 2.3V, IGATE = –1µA
l
2.65
4.3
8
V
∆VGSARM
VGS Voltage to Arm Circuit Breaker
VSENSEN = 0, VCC ≥ 2.97V
l
4.4
5.4
7.6
V
VSENSEN = 0, VCC = 2.3V
l
2.5
3.5
7
V
∆VGSMAX – ∆VGSARM Difference Between ∆VGSMAX and ∆VGSARM VSENSEN = 0, VCC ≥ 2.97V
l
0.3
1.1
V
VSENSEN = 0, VCC = 2.3V
l
0.15
0.8
V
VREADY(OL)
READY Pin Output Low Voltage
IREADY = 1.6mA, Pull-Down Device On
l
0.2
0.4
V
IREADY(LEAK)
READY Pin Leakage Current
VREADY = 5V, Pull-Down Device Off
l
0
±1
µA
VON(TH)
ON Pin High Threshold
ON Rising, GATE Pulls Up
l
0.76
0.8
0.84
V
∆VON(HYST)
ON Pin Hysteresis
ON Falling, GATE Pulls Down
10
40
90
mV
VON(RST)
ON Pin Reset Threshold
ON Falling, Fault Reset, GATE Pull-Down
l
0.36
0.4
0.44
V
ION(IN)
ON Pin Input Current
VON = 1.2V
l
0
±1
µA
∆VOV
Overvoltage Threshold, ∆VOV = VSENSEP – VCC
l
0.41
0.7
1.1
V
tOV
Overvoltage Protection Trip Time
VSENSEP = VSENSEN = Step 5V to 6.2V
25
65
160
µs
tFAULT(SLOW)
VCB Trips to GATE Discharging
∆VSENSE Step 0mV to 50mV, VSENSEN
Falling, VCC = VSENSEP = 5V
l
7
16
27
µs
tFAULT(FAST)
VCB(FAST) Trips to GATE Discharging
∆VSENSE Step 0V to 0.3V, VSENSEN Falling,
VSENSEP = 5V
l
1
2.5
µs
tDEBOUNCE
Startup De-Bounce Time
VON = 0V to 2V Step to Gate Rising
(Exiting Reset Mode)
27
60
130
µs
tREADY
READY Delay Time
VGATE = 0V to 8V Step to READY Rising,
VSENSEP = VSENSEN = 0
22
50
115
µs
tOFF
Turn-Off Time
VON = 2V to 0.6V Step to GATE
Discharging
1.5
5
10
µs
tON
Turn-On Time
VON = 0.6V to 2V Step to GATE Rising
(Normal Mode)
4
8
16
µs
tRESET
Reset Time
VON Step 2V to 0V
20
80
150
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, ISEL = 0 unless otherwise noted. (Note 2)
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com