Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G77STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G77STR
Description  SINGLE D-TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G77STR Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G77STR Datasheet HTML 1Page - STMicroelectronics 74V1G77STR Datasheet HTML 2Page - STMicroelectronics 74V1G77STR Datasheet HTML 3Page - STMicroelectronics 74V1G77STR Datasheet HTML 4Page - STMicroelectronics 74V1G77STR Datasheet HTML 5Page - STMicroelectronics 74V1G77STR Datasheet HTML 6Page - STMicroelectronics 74V1G77STR Datasheet HTML 7Page - STMicroelectronics 74V1G77STR Datasheet HTML 8Page - STMicroelectronics 74V1G77STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED: tPD = 4.4ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G77 is an advanced high-speed CMOS
SINGLE
D-TYPE
LATCH
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology. It is designed to
operate from 2V to 5.5V, making this device ideal
for portable applications.
The single D-Type latch is controlled by a Latch
Enable Input (LE).
While the LE input is held at a high level, the Q
output will follow the data input precisely. When
the LE input is taken low the Q output is latched
precisely at the logic level of D input data.
Power down protection is provided on inputs and
0 to 7V can be accepted on inputs with no regard
to the supply voltage. This device can be used to
interface 5V to 3V. It’s available in the commercial
and extended temperature range.
All inputs and output are equipped with protection
circuits against static discharge, giving them ESD
immunity and transient excess voltage.
74V1G77
SINGLE D-TYPE LATCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G77STR
SOT323-5L
74V1G77CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G77STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
SINGLE BUFFER
Oct-1999
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
108Kb / 9P
SINGLE BUFFER
Apr-2004
74V1G70C STMICROELECTRONICS-74V1G70C Datasheet
48Kb / 7P
SINGLE BUFFER
Oct-1999
74V1G70CTR STMICROELECTRONICS-74V1G70CTR Datasheet
108Kb / 9P
SINGLE BUFFER
Apr-2004
74V1G70S STMICROELECTRONICS-74V1G70S Datasheet
48Kb / 7P
SINGLE BUFFER
Oct-1999
More results

Similar Description - 74V1G77STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC375 STMICROELECTRONICS-M54HC375 Datasheet
245Kb / 11P
QUAD D TYPE LATCH
Feb-1993
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
logo
Texas Instruments
SN74LVC1G373 TI-SN74LVC1G373 Datasheet
238Kb / 13P
SINGLE D-TYPE LATCH
logo
STMicroelectronics
74V1T77 STMICROELECTRONICS-74V1T77 Datasheet
208Kb / 10P
SINGLE D-TYPE LATCH
Jul-2001
logo
NXP Semiconductors
10130 PHILIPS-10130 Datasheet
260Kb / 6P
Dual D-Type Latch
June 14 1990
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
OCTAL TRANSPARENT D-TYPE LATCH
SN74LVC1G373 TI1-SN74LVC1G373_15 Datasheet
1,013Kb / 20P
Single D-Type Latch With 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com