Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOSR-44 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOSR-44
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOSR-44 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOSR-44 Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BOS R-44
Order Code: BAM01HE
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-01
Subject to change without notice: 183816
ETIM 6.0: EC002467
BAM01HE_0.26_2021-04-01
1 / 1
Basic features
Approval/Conformity
Solidchem, TÜV Rheinland
Ecolab
WEEE
Use
for photoelectric retroreflective
sensors
Version
Cube corner 4 mm
Environmental conditions
Ambient temperature
-20...140 °C
Material
Housing material
Solidchem
Material sensing surface
Solidchem
Mechanical data
Dimension
40 x 60 x 7.5 mm
Mounting part
Adhesive
Screw M3
Sensing surface
19.9 cm²
Optical features
Light type
non-polarized light, also for
polarized light
Remarks
Increased resistance to chemicals, per TÜV SOLIDCHEM and Ecolab testing.
The degree of reflection is at maximum for vertical light infall and when the reflector is at an optimum orientation to the light polarization direction.


Similar Part No. - BOSR-44

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOSR-40 BALLUFF-BOSR-40 Datasheet
101Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BOSR-41 BALLUFF-BOSR-41 Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BOSR-42 BALLUFF-BOSR-42 Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.26_2021-04-01
BOSR-43 BALLUFF-BOSR-43 Datasheet
90Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BOSR-45 BALLUFF-BOSR-45 Datasheet
117Kb / 1P
Reflectors, Fibers, Optics
0.24_2021-04-01
More results

Similar Description - BOSR-44

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com