Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G77CTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V1G77CTR
Description  SINGLE D-TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G77CTR Datasheet(HTML) 3 Page - STMicroelectronics

  74V1G77CTR Datasheet HTML 1Page - STMicroelectronics 74V1G77CTR Datasheet HTML 2Page - STMicroelectronics 74V1G77CTR Datasheet HTML 3Page - STMicroelectronics 74V1G77CTR Datasheet HTML 4Page - STMicroelectronics 74V1G77CTR Datasheet HTML 5Page - STMicroelectronics 74V1G77CTR Datasheet HTML 6Page - STMicroelectronics 74V1G77CTR Datasheet HTML 7Page - STMicroelectronics 74V1G77CTR Datasheet HTML 8Page - STMicroelectronics 74V1G77CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74V1G77
3/10
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0 to
5.5
0.7VCC
0.7VCC
0.7VCC
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0 to
5.5
0.3VCC
0.3VCC
0.3VCC
VOH
High Level Output
Voltage
2.0
IO=-50 µA
1.9
2.0
1.9
1.9
V
3.0
IO=-50 µA
2.9
3.0
2.9
2.9
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
3.0
IO=-4 mA
2.58
2.48
2.4
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.1
0.1
0.1
V
3.0
IO=50 µA
0.0
0.1
0.1
0.1
4.5
IO=50 µA
0.0
0.1
0.1
0.1
3.0
IO=4 mA
0.36
0.44
0.55
4.5
IO=8 mA
0.36
0.44
0.55
II
Input Leakage
Current
0to
5.5
VI =5.5Vor GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
110
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time LE to Q
3.3(*)
15
6.2
9.0
1.0
10.5
1.0
11.5
ns
3.3(*)
50
6.8
10.0
1.0
11.5
1.0
13.0
5.0(**)
15
4.4
6.5
1.0
7.5
1.0
8.5
5.0(**)
50
4.8
7.0
1.0
8.0
1.0
9.0
tPLH tPHL Propagation Delay
Time D to Q
3.3(*)
15
7.2
10.0
1.0
11.5
1.0
13.0
ns
3.3(*)
50
7.9
11.0
1.0
12.5
1.0
14.0
5.0(**)
15
4.4
6.5
1.0
7.5
1.0
8.5
5.0(**)
50
4.8
7.0
1.0
8.0
1.0
9.0
tW
LE Pulse Width,
HIGH
3.3(*)
4.0
4.0
4.0
ns
5.0(**)
3.0
3.0
3.0
ts
SetupTimeDto
LE, HIGH or LOW
3.3(*)
3.0
3.0
3.0
ns
5.0(**)
2.0
2.0
2.0
th
Hold Time D to LE,
HIGH or LOW
3.3(*)
1.0
1.0
1.0
ns
5.0(**)
1.0
1.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com