Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-10001 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-10001
Description  Silver Metal Knob ??14x24mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-10001 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-10001 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
SilverMetalKnob‐14x24mm
COM-10001 RoHS
Knobs are a great way to finish off your project and make it easier to adjust the level of your death
ray. This knob mates to a 6mm (+/- 0.3mm) shaft. The knob slides onto the potentiometer and holds
tightly with a strong friction fit.
The main body of these knobs is metal with a plastic insert. The outside is knurled for precise
adjustment.
FEATURES 
14mm high
24mm diameter
                                                           https://www.sparkfun.com/products/10001 2‐2‐18 


Similar Part No. - COM-10001

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-10000 SPARKFUN-COM-10000 Datasheet
100Kb / 1P
Black Chicken Head Knob ??14x20mm
5??6??7
More results

Similar Description - COM-10001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN015-GRX ETC1-45KN015-GRX Datasheet
77Kb / 1P
Knob
45KN024-GRX ETC1-45KN024-GRX Datasheet
83Kb / 1P
Knob
45KN026-GRX ETC1-45KN026-GRX Datasheet
75Kb / 1P
Knob
450-2037-GRX ETC2-450-2037-GRX Datasheet
87Kb / 1P
Knob
450-6010 ETC2-450-6010 Datasheet
124Kb / 1P
Metal Knob
450-MLN54 ETC2-450-MLN54 Datasheet
187Kb / 1P
Metal Knob
logo
Winchester Electronics ...
KA-19-51 WINCHESTER-KA-19-51 Datasheet
58Kb / 1P
ALL METAL PARTS - SILVER PLATED
logo
List of Unclassifed Man...
1227-K ETC2-1227-K Datasheet
95Kb / 1P
KNOB
1450 ETC2-1450 Datasheet
79Kb / 1P
KNOB
2720-Q ETC2-2720-Q Datasheet
72Kb / 1P
KNOB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com