Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT-08022 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-08022
Description  Hook-up Wire - Black (22 AWG)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-08022 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-08022 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hook-up Wire - Black (22 AWG)
PRT-08 022 ROH S
Description: Standard 22 AWG solid Black hook up wire. Use this with your bread
board or any project in which you need sturdy wire. Comes in small spools of 25'.
3/28/2017
https://www.sparkfun.com/products/8022


Similar Part No. - PRT-08022

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
Hook-up Wire - Yellow (22 AWG)
3/28/2017
PRT-08025 SPARKFUN-PRT-08025 Datasheet
95Kb / 1P
Hook-up Wire - Gray (22 AWG)
3/28/2017
PRT-08026 SPARKFUN-PRT-08026 Datasheet
94Kb / 1P
Hook-up Wire - White (22 AWG)
3/28/2017
PRT-08027 SPARKFUN-PRT-08027 Datasheet
95Kb / 1P
Hook-up Wire - Brown (22 AWG)
3/28/2017
More results

Similar Description - PRT-08022

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
Hook-up Wire - Yellow (22 AWG)
3/28/2017
PRT-08025 SPARKFUN-PRT-08025 Datasheet
95Kb / 1P
Hook-up Wire - Gray (22 AWG)
3/28/2017
PRT-08026 SPARKFUN-PRT-08026 Datasheet
94Kb / 1P
Hook-up Wire - White (22 AWG)
3/28/2017
PRT-08027 SPARKFUN-PRT-08027 Datasheet
95Kb / 1P
Hook-up Wire - Brown (22 AWG)
3/28/2017
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
PRT-08866 SPARKFUN-PRT-08866 Datasheet
94Kb / 1P
Hook-up Stranded Wire - White (22 AWG)
3/28/2017
PRT-08867 SPARKFUN-PRT-08867 Datasheet
96Kb / 1P
Hook-up Stranded Wire - Black (22 AWG)
3/28/2017
PRT-11367 SPARKFUN-PRT-11367 Datasheet
94Kb / 1P
Hook-Up Wire - Assortment (Solid Core, 22 AWG)
3/8/2016
PRT-11375 SPARKFUN-PRT-11375 Datasheet
95Kb / 1P
Hook-Up Wire - Assortment (Stranded, 22 AWG)
3/8/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com