Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCNH310P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCNH310P
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNH310P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCNH310P Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCNH310P Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCNH310P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
ISCNH310P
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
700
-
-
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID= 0.25mA
2.5
-
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 7.5A
-
-
0.26
Ω
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
-
-
±
0.1
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 700V; VGS= 0
-
-
1.0
uA
VSD
Forward On-Voltage
IS= 7.5A; VGS= 0
-
-
1.7
V
RG
Gate resistance
f = 1.0MHz open drain
-
12.5
-
Ω
Ciss
Input Capacitance
VGS = 0V,
VDS = 100V,
f = 1.0MHz
-
1122
-
pF
Coss
Output Capacitance
-
38
-
Crss
Reverse Transfer Capacitance
-
2.5
-
Qg
Total Gate Charge
VDD = 520V,
ID = 15A,
VGS =10V
-
27
-
nC
Qgs
Gate-Source Charge
-
5.5
-
Qgd
Gate-Drain Charge
-
10.5
-
td(on)
Turn-on Delay Time
VDD = 400V,
ID = 15A,
RG = 25Ω
-
25
-
ns
tr
Turn-on Rise Time
-
63
-
td(off)
Turn-off Delay Time
-
100
-
tf
Turn-off Fall Time
-
50
-
VSDF
Diode forward voltage
ISD=12A, VGS = 0 V
-
-
1.4
V
trr
Reverse Recovery Time
VDD = 40V,IF = IS,
diF/dt =100A /μs
-
410
-
ns
Qrr
Reverse Recovery Charge
-
4.1
-
uC
Irrm
Peak Reverse Recovery Current
-
20
-
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com