Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT-08430 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-08430
Description  Jumper Wires Premium 6 F/F Pack of 10
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-08430 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-08430 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jumper Wires Premium 6" F/F Pack of 10
PRT-08 430 ROH S
images are CC BY-NC-SA 3.0
Description: This is a SparkFun exclusive! These are 155mm long jumpers with
female connectors on both ends. Use these to jumper from any male header on any
board, to any other male header. Combine these with our male to male jumpers to
create a male to female jumper. Multiple jumpers can be installed next to one another
on a 0.1" header. Comes as 1 package of ten jumpers (colors shown).
Dimensions: 155mm +/-5mm long
4/12/2016
https://www.sparkfun.com/products/8430


Similar Part No. - PRT-08430

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08431 SPARKFUN-PRT-08431 Datasheet
238Kb / 1P
Jumper Wires Premium 6 M/M Pack of 10
4/12/2016
More results

Similar Description - PRT-08430

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08431 SPARKFUN-PRT-08431 Datasheet
238Kb / 1P
Jumper Wires Premium 6 M/M Pack of 10
4/12/2016
PRT-09139 SPARKFUN-PRT-09139 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 100
4/12/2016
PRT-09140 SPARKFUN-PRT-09140 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 10
4/12/2016
PRT-09194 SPARKFUN-PRT-09194 Datasheet
103Kb / 1P
Jumper Wires Premium 6" Mixed Pack of 100
4/12/2016
PRT-09385 SPARKFUN-PRT-09385 Datasheet
96Kb / 1P
Jumper Wires Premium 12 M/F Pack of 10
4/12/2016
PRT-09386 SPARKFUN-PRT-09386 Datasheet
101Kb / 1P
Jumper Wires Premium 12 M/F Pack of 100
4/12/2016
PRT-09389 SPARKFUN-PRT-09389 Datasheet
95Kb / 1P
Jumper Wires Premium 12 F/F Pack of 10
1??2??8
PRT-09390 SPARKFUN-PRT-09390 Datasheet
98Kb / 1P
Jumper Wires Premium 12 F/F Pack of 100
4/12/2016
PRT-10898 SPARKFUN-PRT-10898 Datasheet
199Kb / 1P
Jumper Wires Premium 6 F/F Pack of 100
4/12/2016
PRT-11710 SPARKFUN-PRT-11710 Datasheet
157Kb / 1P
Jumper Wires Premium 6 F/F - 20 AWG (10Pack)
4/12/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com