Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEL22CV10API-7 Datasheet(PDF) 10 Page - Anachip Corp

Part # PEEL22CV10API-7
Description  PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10API-7 Datasheet(HTML) 10 Page - Anachip Corp

Back Button PEEL22CV10API-7 Datasheet HTML 2Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 3Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 4Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 5Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 6Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 7Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 8Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 9Page - Anachip Corp PEEL22CV10API-7 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
04-02-010F
Part Number
Device
PEEL™ 22CV10A PI-25
Package
P = Plastic 300mil DIP
J = Plastic (J) Leaded Chip Carrier (PLCC)
S = SOIC
T = TSSOP
Temperature Range and Power Options
(Blank) = Commercial 0 to 70°C
I = Industrial -40 to +85°C
Speed
-7 = 7.5ns tpd
-10 = 10ns tpd
-15 = 15ns tpd
-25 = 25ns tpd
Suffix



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com