Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2916 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMS2916
Description  Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMS2916 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SMS2916 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMS2916 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SMS2916
7
2028-02 4/24/98
Preliminary
FIGURE 5. ACKNOWLEDGE RESPONSE FROM RECEIVER
CHARACTERISTICS OF THE I2C BUS
General Description
The I2C bus was designed for two-way, two-line serial
communication between different integrated circuits. The
two lines are: a serial data line (SDA), and a serial clock
line (SCL). The SDA line must be connected to a positive
supply by a pull-up resistor, located somewhere on the
bus (See Figure 1). Data transfer between devices may
be initiated with a START condition only when SCL and
SDA are HIGH (bus is not busy).
Input Data Protocol
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock
HIGH time, because changes on the data line while SCL
is HIGH will be interpreted as start or stop condition.
START and STOP Conditions
When both the data and clock lines are HIGH, the bus is
said to be not busy. A HIGH-to-LOW transition on the data
line, while the clock is HIGH, is defined as the “START”
condition. A LOW-to-HIGH transition on the data line,
while the clock is HIGH, is defined as the “STOP” condi-
tion .
DEVICE OPERATION
The SMS2916 is a 16K-bit serial E2PROM. The device
supports the I2C bidirectional data transmission protocol.
The protocol defines any device that sends data onto the
bus as a “transmitter” and any device which receives data
as a “receiver.” The device controlling data transmission
is called the “master” and the controlled device is called
the “slave.” In all cases, the SMS2916 will be a “slave”
device, since it never initiates any data transfers.
FIGURE 6. SLAVE ADDRESS BYTE
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device, either
the master or the slave, will release the bus after transmit-
ting eight bits. During the ninth clock cycle, the receiver
will pull the SDA line LOW to ACKnowledge that it re-
ceived the eight bits of data (See Figure 5).
The SMS2916 will respond with an ACKnowledge after
recognition of a START condition and its slave address
byte. If both the device and a write operation are selected,
the SMS2916 will respond with an ACKnowledge after the
receipt of each subsequent 8-bit word.
In the READ mode, the SMS2916 transmits eight bits of
data, then releases the SDA line, and monitors the line for
an ACKnowledge signal. If an ACKnowledge is detected,
and no STOP condition is generated by the master, the
SMS2916 will continue to transmit data. If an
ACKnowledge is not detected, the SMS2916 will terminate
further data transmissions and awaits a STOP condition
before returning to the standby power mode.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave address are the device type identifier
(see figure 6). For the SMS2916 this is fixed as 1010[B].
SCL from
Master
Data Output
from
Transmitter
Data Output
from
Receiver
Start
Condition
ACKnowledge
tAA
tAA
1
8
9
2028 ILL7.0
1
0
1
0
R/W
DEVICE
IDENTIFIER
2028 ILL8.0
A
10
A
8
A
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com