Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6202030 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # R6202030
Description  Fast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

R6202030 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  R6202030 Datasheet HTML 1Page - Inchange Semiconductor Company Limited R6202030 Datasheet HTML 2Page - Inchange Semiconductor Company Limited R6202030 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
R6202030
快速整流管
特点:
·
IF(AV):300A
·
VRRM:200V
·
trr :3.0us
·
低正向压降
·软恢复特性
·金属陶瓷管壳密封双面冷却
应用:
·逆变和高频整流
·电机控制
·缓冲和续流电路
主要参数:
符号
参数
条件
结温
Tj(℃)
参数值
单位
MIN
TYPE
MAX
IF(AV)
正向平均电流
80°正弦半波,50Hz,双面散热,
Ths=117℃
150
300
A
IF(AV)
正向平均电流
180°正弦半波,50Hz,双面散热,
Ths=55℃
150
665
A
VRRM
反向重复峰值电压
VRRM tp=10ms,
VRSM=VRRM+100V
150
2000
V
IRRM
反向重复峰值电流
VRM=VRRM
150
30
mA
ITSM
正向不重复浪涌电流
150
4.1
KA
I2t
浪涌电流平方时间积
90
A2s*103
VFO
门槛电压
150
1.3
V
rF
斜率电阻
0.55
mΩ
VFM
正向峰值电压
ITM=900A, F=9.0KN
25
2.6
V
Irm
恢复电流
TM=600A, tp=1000μs,
-di/dt=20A/μs,
VR=50V
100
42
A
trr
恢复时间
3.0
μs
Qrr
恢复电荷
63
100
μC
Tstg
存储温度
-40
160
℃
Rth(j-h) 热阻抗
(结至散热器)
双面散热,安装力 9.0KN
0.065
℃
/W


Similar Part No. - R6202030

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R6202030 POWEREX-R6202030 Datasheet
897Kb / 4P
General Purpose Rectifier (300-500 Amperes Average 2400 Volts)
More results

Similar Description - R6202030

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N994 NJSEMI-1N994 Datasheet
80Kb / 1P
Fast Rectifier
1N3110 NJSEMI-1N3110 Datasheet
97Kb / 1P
Fast Rectifier
1N3122 NJSEMI-1N3122 Datasheet
83Kb / 1P
Fast Rectifier
1N3666 NJSEMI-1N3666 Datasheet
79Kb / 1P
Fast Rectifier
1N3892 NJSEMI-1N3892 Datasheet
243Kb / 1P
Fast Rectifier
1N4250 NJSEMI-1N4250 Datasheet
70Kb / 1P
FAST RECTIFIER
1N4534 NJSEMI-1N4534 Datasheet
78Kb / 1P
FAST RECTIFIER
1N5190 NJSEMI-1N5190 Datasheet
125Kb / 1P
FAST RECTIFIER
logo
Solid States Devices, I...
RF0017 SSDI-RF0017_15 Datasheet
202Kb / 2P
FAST RECTIFIER
logo
Inchange Semiconductor ...
FEP16GT ISC-FEP16GT Datasheet
281Kb / 2P
Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com