Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR1550 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STR1550
Description  isc Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STR1550 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STR1550 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STR1550 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STR1550 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
STR1550
DESCRIPTION
·
Collector-Emitter Saturation Voltage-
: VCE(sat) = 0.2V(Max.)@IC= 0.02A
·
Collector-Emitter Breakdown Voltage-
: V(BR) CEO= 500V(Min)
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Relay drivers,lamp drivers,motor drivers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
500
V
VCEO
Collector-Emitter Voltage
500
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
0.5
A
ICM
Collector Current-Pulse
1
A
PC
Collector Power Dissipation
TC=25℃
0.5
W
Tj
Max.Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃


Similar Part No. - STR1550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR1550 STMICROELECTRONICS-STR1550 Datasheet
507Kb / 9P
High voltage fast-switching NPN power transistor
May 2014 Rev 5
More results

Similar Description - STR1550

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com