Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR2550 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STR2550
Description  isc Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STR2550 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STR2550 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STR2550 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STR2550 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistors
STR2550
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -0.1mA; IB= 0
-500
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= −20mA, IB = −2.0mA
IC= −50mA, IB = −10mA
-0.2
-0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= −50mA, IB = −10mA
-1.0
V
ICBO
Collector Cutoff Current
VCE= -500V; VEB= 0
-10
µA
hFE
DC Current Gain
IC= −1.0mA, VCE = −10 V
IC= −50mA, VCE = −10 V
IC= −100mA, VCE = −10 V
100
100
10
300



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com