Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH810FP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH810FP
Description  Ultrafast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH810FP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH810FP Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH810FP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Ultrafast Recovery Rectifier
STTH810FP
FEATURES
·
Ultrafast Recovery Time
·
Low Forward Voltage
·
Low Leakage Current
·
High Temperature Glass Passivated Junction
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in switching power supplies and other power
Switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
1000
V
IF(AV)
Average Rectified Forward Current
(Rated VR)
8
A
IFM
Peak Repetitive Forward Current
(Rated VR,Square Wave,20kHz)
16
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 60Hz)
100
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
1m


Similar Part No. - STTH810FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH810FP STMICROELECTRONICS-STTH810FP Datasheet
193Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
logo
Zibo Seno Electronic En...
STTH810FP ZSELEC-STTH810FP Datasheet
87Kb / 2P
8.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - STTH810FP

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com