Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM93LC56GS8A Datasheet(PDF) 1 Page - Anachip Corp

Part # AM93LC56GS8A
Description  2048-bits Serial Electrically Erasable PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC56GS8A Datasheet(HTML) 1 Page - Anachip Corp

  AM93LC56GS8A Datasheet HTML 1Page - Anachip Corp AM93LC56GS8A Datasheet HTML 2Page - Anachip Corp AM93LC56GS8A Datasheet HTML 3Page - Anachip Corp AM93LC56GS8A Datasheet HTML 4Page - Anachip Corp AM93LC56GS8A Datasheet HTML 5Page - Anachip Corp AM93LC56GS8A Datasheet HTML 6Page - Anachip Corp AM93LC56GS8A Datasheet HTML 7Page - Anachip Corp AM93LC56GS8A Datasheet HTML 8Page - Anachip Corp AM93LC56GS8A Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2048-bits Serial Electrically Erasable PROM
AM93LC56
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.A1 Oct 20, 2003
1/10
ATC
Features
• State-of-the-art architecture
- Non-volatile data storage
- Standard voltage and low voltage operation
Vcc: 2.7V ~ 5.5V
- Full TTL compatible inputs and outputs
- Auto increment read for efficient data dump
• Hardware and software write protection
- Defaults to write-disabled state at power up
- Software instructions for write-enable/disable
- VCC level verification before self-timed
programming cycle
•
Advanced
low
voltage
CMOS
EEPROM
technology
• Versatile, easy-to-use interface
- Self-timed programming cycle
- Automatic erase-before-write
- Programming status indicator
- Word and chip erasable
- Stop SK anytime for power savings
• Durability and reliability
- 40 years data retention
- Minimum of 1M write cycles per word
- Unlimited read cycles
- ESD protection
Connection Diagram
1
2
3
4
8
7
6
5
VCC
GND
NC
ORG
CS
SK
PDIP-8L / SOP-8L
DO
DI
1
2
3
4
8
7
6
5
VCC
GND
NC
ORG
CS
SK
Rotated SOP-8L
DO
DI
General Description
The AM93LC56 is the 2048-bit non-volatile serial
EEPROM. It is manufactured by using ATC's
advanced
CMOS
EEPROM
technology.
The
AM93LC56 provides efficient non-volatile read/write
memory arranged as 128 words of 16 bits each
when the ORG Pin is connected to VCC and 256
words of 8 bits each when it is tied to ground. The
instruction set includes read, write, and write
enable/disable functions. The data out pin (DO)
indicates the status of the device during the
self-timed non-volatile programming cycle.
The self-timed write cycle includes an automatic
erase-before-write capability. Only when the chip is
in the WRITE ENABLE state and proper VCC
operation range is the WRITE instruction accepted
and thus to protect against inadvertent writes. Data
is written in 16 bits per write instruction into the
selected register. If Chip Select (CS) is brought
HIGH after initiation of the write cycle, the Data
Output (DO) pin will indicate the READY/BUSY
status of the chip.
The AM93LC56 is available in space-saving 8-lead
PDIP, 8-lead SOP and rotated 8-lead SOP package.
Pin Assignments
Name
Description
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
VCC
Power Supply
NC
No Connection
ORG
Internal Organization
Ordering Information
Type
Package
56: 2K
S : SOP-8L
GS8: SOP-8L,G type
N : PDIP-8L
Temp. grade
AM 93 L C 56 X XX X
Packing
Blank :
C
o
70
~
C
o
0
+
I
:
C
o
85
~
C
o
40
+
−
V
:
C
o
125
~
C
o
40
+
−
Blank : Tube
A : Taping
Operating Voltage
LC : 2.7~5.5V,CMOS


Similar Part No. - AM93LC56GS8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46GS8 ETC-AM93LC46GS8 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46GS8A ETC-AM93LC46GS8A Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8 ETC-AM93LC46IGS8 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
AM93LC46IGS8A ETC-AM93LC46IGS8A Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
More results

Similar Description - AM93LC56GS8A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
1024-bits Serial Electrically Erasable PROM
logo
Anachip Corp
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
4096-bits Serial Electrically Erasable PROM
Rev.A1 Oct 20, 2003
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
16384-bits Serial Electrically Erasable PROM
Rev 0.1 Oct 20, 2003
logo
List of Unclassifed Man...
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com