Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC73F Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC73F
Description  Dual J-K Flip-Flop with Reset Negative-Edge Trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC73F Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC73F Datasheet HTML 1Page - Texas Instruments CD54HC73F Datasheet HTML 2Page - Texas Instruments CD54HC73F Datasheet HTML 3Page - Texas Instruments CD54HC73F Datasheet HTML 4Page - Texas Instruments CD54HC73F Datasheet HTML 5Page - Texas Instruments CD54HC73F Datasheet HTML 6Page - Texas Instruments CD54HC73F Datasheet HTML 7Page - Texas Instruments CD54HC73F Datasheet HTML 8Page - Texas Instruments CD54HC73F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Setup Time, J, K to CP
tSU
CL = 50pF
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Hold Time, J, K to CP
tH
CL = 50pF
2
3
-
-
3
-
3
-
ns
4.5
3
-
-
3
-
3
-
ns
6
3
-
-
3-3-
ns
Removal Time
tREM
-CL = 50pF
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
CP Frequency
fMAX
CL = 50pF
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
25
-
20
-
MHz
CL = 15pF
5
-
60
-
----
MHz
CL = 50pF
6
35
-
-
29
-
23
-
MHz
HCT TYPES
CP Pulse Width
tw
CL = 50pF
4.5
16
-
-
20
-
24
-
ns
R Pulse Width
tw
CL = 50pF
4.5
18
-
-
23
-
27
-
ns
Setup Time, J, K to CP
tSU
CL = 50pF
4.5
16
-
-
20
-
24
-
ns
Hold Time, J, K to CP
tH
CL = 50pF
4.5
3
-
-
3
-
3
-
ns
Removal Time
tREM
CL = 50pF
4.5
12
-
-
15
-
18
-
ns
CP Frequency
fMAX
CL = 50pF
4.5
30
-
-
25
-
20
-
MHz
CL = 15pF
5
-
60
-
----
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
CP to Q
tPLH, tPHL CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
CL = 15pF
5
-
13
-
----
ns
CL = 50pF
6
-
-
28
-
34
-
41
ns
Propagation Delay,
CP to Q
tPLH, tPHL CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
CL = 15pF
5
-
13
-
----
ns
CL = 50pF
6
-
-
28
-
34
-
41
ns
Propagation Delay,
R to Q, Q
tPLH, tPHL CL = 50pF
2
-
-
145
-
180
-
220
ns
4.5
-
-
29
-
36
-
44
ns
CL = 15pF
5
-
12
-
----
ns
CL = 50pF
6
-
-
25
-
31
-
38
ns
Output Transition Time
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
18
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC73, CD74HC73, CD74HCT73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com