Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2003 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL2003
Description  3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2003 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL2003 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
QL2003
3-9
100 and 144 TQFP Pinout Table
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
144
TQFP
100
TQFP
Function
1
2
I/O
30
NC
GND
59
NC
I/O
88
60
I/O
116
82
I/O
2
NC
I/O
31
NC
I/O
60
43
I/O
89
61
I
117
83
I/O
3
3
I/O
32
22
I/O
61
44
I/O
90
62
ACLK / I
118
NC
I/O
4
4
I/O
33
NC
I/O
62
45
I/O
91
63
VCC
119
84
I/O
5
NC
I/O
34
23
I/O
63
NC
I/O
92
64
I
120
NC
I/O
6
5
I/O
35
NC
I/O
64
NC
I/O
93
65
GCLK / I
121
NC
I/O
7
NC
VCC
36
24
I/O
65
46
I/O
94
66
VCC
122
85
GND
8
6
I/O
37
25
I/O
66
NC
GND
95
67
I/O
123
NC
I/O
9
NC
I/O
38
26
TDI
67
NC
I/O
96
NC
I/O
124
86
I/O
10
7
I/O
39
27
I/O
68
NC
I/O
NC
68
I/O
125
87
I/O
11
NC
I/O
40
28
I/O
69
47
I/O
97
NC
I/O
126
88
GND
12
NC
I/O
41
29
I/O
70
48
I/O
98
69
I/O
127
89
I/O
13
8
I/O
42
NC
VCC
71
49
TRSTB
99
NC
I/O
128
90
I/O
14
NC
I/O
43
30
I/O
72
50
TMS
100
70
I/O
129
91
I/O
15
9
GND
44
31
I/O
73
51
I/O
101
71
I/O
130
92
VCC
16
10
I/O
45
NC
I/O
74
52
I/O
102
NC
GND
131
NC
I/O
17
11
I
46
32
I/O
75
53
I/O
103
NC
I/O
132
93
I/O
18
12
ACLK / I
47
33
I/O
76
54
I/O
104
72
I/O
133
NC
I/O
19
13
VCC
48
NC
I/O
77
55
I/O
105
NC
I/O
134
94
I/O
20
14
I
49
34
I/O
78
NC
I/O
106
73
I/O
135
NC
I/O
21
15
GCLK / I
50
35
GND
79
NC
VCC
107
74
I/O
136
NC
I/O
22
16
VCC
51
36
I/O
80
NC
I/O
108
75
I/O
137
95
I/O
23
17
I/O
52
NC
I/O
81
56
I/O
109
76
TCK
138
NC
GND
24
18
I/O
53
37
I/O
82
NC
I/O
110
77
STM
139
96
I/O
25
NC
I/O
54
38
GND
83
57
I/O
111
78
I/O
140
97
I/O
26
19
I/O
55
39
I/O
84
NC
I/O
112
79
I/O
141
98
I/O
27
NC
I/O
56
40
I/O
85
58
I/O
113
80
I/O
142
99
I/O
28
20
I/O
57
41
I/O
86
NC
I/O
114
NC
VCC
143
100
TDO
29
21
I/O
58
42
VCC
87
59
GND
115
81
I/O
144
1
I/O
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com