Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEEL22CV10API-25 Datasheet(PDF) 1 Page - Anachip Corp

Part # PEEL22CV10API-25
Description  PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10API-25 Datasheet(HTML) 1 Page - Anachip Corp

  PEEL22CV10API-25 Datasheet HTML 1Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 2Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 3Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 4Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 5Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 6Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 7Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 8Page - Anachip Corp PEEL22CV10API-25 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
04-02-010F
s
s
s
s
High Speed/Low Power
- Speeds ranging from 7ns to 25ns
- Power as low as 30mA at 25MHz
s
s
s
s
Electrically Erasable Technology
- Superior factory testing
- Reprogrammable in plastic package
- Reduces retrofit and development costs
s
s
s
s
Development/Programmer Support
- Third party software and programmers
- Anachip PLACE Development Software
s
s
s
s
Architectural Flexibility
- 132 product term X 44 input AND array
- Up to 22 inputs and 10 outputs
- Up to 12 configurations per macrocell
- Synchronous preset, asynchronous clear
- Independent output enables
- 24-pin DIP/SOIC/TSSOP and 28-pin PLCC
s
s
s
s
Application Versatility
- Replaces random logic
- Pin and JEDEC compatible with 22V10
- Enhanced Architecture fits more logic
than ordinary PLDs
Features
The PEEL™22CV10A is a Programmable Electrically Eras-
able Logic (PEEL™) device providing an attractive alterna-
tive to ordinary PLDs. The PEEL™22CV10A offers the
performance, flexibility, ease of design and production
practicality
needed
by
logic
designers
today.
The
PEEL™22CV10A is available in 24-pin DIP, SOIC, TSSOP
and 28-pin PLCC packages (see Figure 1), with speeds
ranging from 7ns to 25ns and with power consumption as
low as 30mA. EE-reprogrammability provides the conve-
nience of instant reprogramming for development and a
reusable production inventory, minimizing the impact of
programming changes or errors. EE-reprogrammability
also improves factory testability, thus ensuring the highest
quality possible. The PEEL™22CV10A is JEDEC file com-
patible with standard 22V10 PLDs. Eight additional configu-
rations per macrocell (a total of 12) are also available by
using the “+” software/programming option (i.e., 22CV10A+
& 22CV10A++). The additional macrocell configurations
allow more logic to be put into every design. Programming
and development support for the PEEL™22CV10A are pro-
vided by popular third-party programmers and develop-
ment
software.
Anachip
also
offers
free
PLACE
development software.
General Description
DIP
*Optional extra ground pin for
-7/I-7 speed grade.
PLCC
1
2
3
4
5
6
7
8
I/CLK
I
I
I
I
I
I
I
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
24
23
22
21
20
19
18
17
9
10
I
I
I/O
I/O
16
15
11
12
I
GND
I/O
I
14
13
TSSOP
SOIC
Figure 1. Pin Configuration
Figure 2. Block Diagram
CMOS Programmable Electrically Erasable Logic Device
PEEL™ 22CV10A -7/-10/-15/-25


Similar Part No. - PEEL22CV10API-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10API-25 ANACHIP-PEEL22CV10API-25 Datasheet
339Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10API-25 ANACHIP-PEEL22CV10API-25 Datasheet
338Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10API-25L ANACHIP-PEEL22CV10API-25L Datasheet
339Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10API-25L ANACHIP-PEEL22CV10API-25L Datasheet
338Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
More results

Similar Description - PEEL22CV10API-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com