Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-MAG-B50-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-MAG-B50-RPS
Description  Powerful magnet for reliable attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-MAG-B50-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-MAG-B50-RPS Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
–
1 –
Revised 10/25/13
Product Description
These magnetic bases are available in 50, 66, or
85mm diameters, and contain powerful magnets
suitable for semi-permanent installation on metal
surfaces. The base is covered with a thin protective
layer to preserve finished surfaces, such as
those on automobiles, and is fully weatherized to
withstand long-term outdoor exposure. The base is
fed by RG-174 or RG-58 coax featuring a molded
strain relief at the point of entry. The threaded
mounting post accepts a wide range of ELE Series
elements (not included) in a variety of styles and
frequency ranges.
Features
• Powerful magnet for reliable attachment
• Rubber skin protects attachment surface
• Overmolded cable with strain relief
• Rugged weatherized metal construction
• Attractive and durable black finish
• SMA, RP-SMA, TNC or custom connector
Electrical Specifications
Cable:
SMA: RG-174
RP-SMA: RG-174
TNC: RG-58
Impedance:
50-ohms
Oper. Temp. Range:
–40°C to +80°C
ANT-MAG-Bxx-xxx
Data Sheet
by
Ordering Information
ANT-MAG-B50-SMA (with SMA connector)
ANT-MAG-B50-RPS (with RP-SMA connector)
ANT-MAG-B50-TNC (with TNC connector)
ANT-MAG-B66-SMA (with SMA connector)
ANT-MAG-B66-RPS (with RP-SMA connector)
ANT-MAG-B66-TNC (with TNC connector)
ANT-MAG-B85-SMA (with SMA connector)
ANT-MAG-B85-RPS (with RP-SMA connector)
ANT-MAG-B85-TNC (with TNC connector)
19.1 mm
(0.75")
B50
50.0 mm
(1.97")
B66
66.0 mm
(2.60")
B85
85.0 mm
(3.35")
7.9 mm
(0.31")
19.6 mm
(0.77")
9.9 mm
(0.39")
Cable
Length
4.0 m
(13.1')


Similar Part No. - ANT-MAG-B50-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-MAG-B50-RPS ETC2-ANT-MAG-B50-RPS Datasheet
109Kb / 1P
Powerful magnet for reliable attachment
More results

Similar Description - ANT-MAG-B50-RPS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3055 SIEMENS-2N3055 Datasheet
83Kb / 4P
NPN TRANSISTOR FOR POWERFUL AF OUTPUT STAGES
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
Powerful Scanning Performance
logo
List of Unclassifed Man...
ANT-MAG-B50-RPS ETC2-ANT-MAG-B50-RPS Datasheet
109Kb / 1P
Powerful magnet for reliable attachment
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
powerful microcontroller
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
powerful microcontroller (uC)
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
powerful microcontroller (uC)
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com