Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT-10366 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-10366
Description  Jumper Wire - 0.1, 6-pin, 4
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-10366 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-10366 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Jumper Wire - 0.1", 6-pin, 4"
PRT-10366
This is a simple six wire cable. Great for jumping from board to board or just about anything else.
There is a 6-pin JST RE connector on both ends. These are simple jumper wires used on standard
0.1" breakaway headers.
FEATURES 4" length
 
                                             https://www.sparkfun.com/products/10366 10‐2‐18 


Similar Part No. - PRT-10366

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
Jumper Wire - 0.1, 2-pin, 4
10????8
PRT-10363 SPARKFUN-PRT-10363 Datasheet
87Kb / 1P
Jumper Wire - 0.1, 3-pin, 4
10????8
PRT-10364 SPARKFUN-PRT-10364 Datasheet
99Kb / 1P
Jumper Wire - 0.1, 4-pin, 4
10????8
PRT-10365 SPARKFUN-PRT-10365 Datasheet
93Kb / 1P
Jumper Wire - 0.1, 5-pin, 4
10????8
PRT-10367 SPARKFUN-PRT-10367 Datasheet
88Kb / 1P
Jumper Wire - 0.1, 2-pin, 6
10????8
More results

Similar Description - PRT-10366

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-10362 SPARKFUN-PRT-10362 Datasheet
81Kb / 1P
Jumper Wire - 0.1, 2-pin, 4
10????8
PRT-10364 SPARKFUN-PRT-10364 Datasheet
99Kb / 1P
Jumper Wire - 0.1, 4-pin, 4
10????8
PRT-10365 SPARKFUN-PRT-10365 Datasheet
93Kb / 1P
Jumper Wire - 0.1, 5-pin, 4
10????8
PRT-10367 SPARKFUN-PRT-10367 Datasheet
88Kb / 1P
Jumper Wire - 0.1, 2-pin, 6
10????8
PRT-10368 SPARKFUN-PRT-10368 Datasheet
82Kb / 1P
Jumper Wire - 0.1, 3-pin, 6
10????8
PRT-10369 SPARKFUN-PRT-10369 Datasheet
87Kb / 1P
Jumper Wire - 0.1, 4-pin, 6
10????8
PRT-10370 SPARKFUN-PRT-10370 Datasheet
101Kb / 1P
Jumper Wire - 0.1, 5-pin, 6
10????8
PRT-10371 SPARKFUN-PRT-10371 Datasheet
228Kb / 1P
Jumper Wire 0.1, 6 pin, 6
10-2-18
PRT-10374 SPARKFUN-PRT-10374 Datasheet
230Kb / 1P
Jumper Wire - 0.1, 4-pin, 12
10-2-18
PRT-10376 SPARKFUN-PRT-10376 Datasheet
245Kb / 1P
Jumper Wire 0.1, 6 pin, 12
10-2-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com