Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAM009N Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM009N
Description  Mechanical Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM009N Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM009N Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Protection
BES 08-FA-BS-4,0-G
Order Code: BAM009N
Internet
www.balluff.com
eCl@ss 9.1: 27-27-37-92
Subject to change without notice: 145783
ETIM 6.0: EC002040
BAM009N_0.33_2021-04-01
1 / 1
Basic features
Scope of delivery
Stop sleeve
Mounting block
Screw ISO 4762-M3x8 (2x)
Short description
Fixed stop
Use
for inductive sensors Ø4
for inductive sensors BES M8
Environmental conditions
Ambient temperature
-25...100 °C
Material
Material
Aluminum
Surface protection
anodized, red
Mechanical data
Clamping system
Threads
Dimension
28 x 12 x 20 mm
Mounting part
Clamps
Tightening torque
1.5 Nm
Tightening torque max.
1.5 Nm
Remarks
Switching point between the proximity switch and trigger pin can be set wherever needed.


Similar Part No. - BAM009N

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM009P BALLUFF-BAM009P Datasheet
89Kb / 1P
Mechanical Protection
0.29_2021-04-01
BAM009R BALLUFF-BAM009R Datasheet
87Kb / 1P
Mechanical Protection
0.31_2021-04-01
BAM009T BALLUFF-BAM009T Datasheet
89Kb / 1P
Mechanical Protection
0.29_2021-04-02
More results

Similar Description - BAM009N

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PT270024 TEC-PT270024 Datasheet
388Kb / 4P
Mechanical indicator, optional LED and protection diode
logo
Balluff Korea Ltd.
BAM00NU BALLUFF-BAM00NU Datasheet
90Kb / 1P
Mechanical Protection
0.31_2021-11-04
BAM009P BALLUFF-BAM009P Datasheet
89Kb / 1P
Mechanical Protection
0.29_2021-04-01
BAM009R BALLUFF-BAM009R Datasheet
87Kb / 1P
Mechanical Protection
0.31_2021-04-01
BAM009T BALLUFF-BAM009T Datasheet
89Kb / 1P
Mechanical Protection
0.29_2021-04-02
BAM022W BALLUFF-BAM022W Datasheet
96Kb / 1P
Mechanical Protection
0.33_2021-04-13
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
Mechanical Protection
0.33_2021-06-22
BAM025U BALLUFF-BAM025U Datasheet
96Kb / 1P
Mechanical Protection
0.41_2021-08-24
BAM025W BALLUFF-BAM025W Datasheet
95Kb / 1P
Mechanical Protection
0.35_2021-08-24
BAM0260 BALLUFF-BAM0260 Datasheet
95Kb / 1P
Mechanical Protection
0.35_2021-06-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com