Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAM01LA Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM01LA
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM01LA Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM01LA Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BOS R-48
Order Code: BAM01LA
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-01
Subject to change without notice: 211172
ETIM 6.0: EC002467
BAM01LA_0.24_2021-04-01
1 / 1
Basic features
Use
for photoelectric retroreflective
sensors
Version
Cube corner 4 mm
Environmental conditions
Ambient temperature
-20...60 °C
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
23 x 82 x 7.5 mm
Mounting part
Adhesive
Screw M3
Sensing surface
10.0 cm²
Optical features
Light type
non-polarized light, also for
polarized light
Remarks
The degree of reflection is at maximum for vertical light infall and when the reflector is at an optimum orientation to the light polarization direction.


Similar Part No. - BAM01LA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM0126 BALLUFF-BAM0126 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-03-31
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BAM01CF BALLUFF-BAM01CF Datasheet
101Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BAM01CM BALLUFF-BAM01CM Datasheet
93Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01H6 BALLUFF-BAM01H6 Datasheet
90Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-04-01
More results

Similar Description - BAM01LA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com