Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAM01YA Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM01YA
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM01YA Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM01YA Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BOS R-53
Order Code: BAM01YA
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-01
Subject to change without notice: 225744
ETIM 6.0: EC002467
BAM01YA_0.37_2021-04-01
1 / 1
Basic features
Use
for photoelectric retroreflective
sensors
Version
Cube corner 5 mm
Environmental conditions
Ambient temperature
-20...500 °C
Material
Housing material
Borosilicate crown glass
Material sensing surface
Borosilicate crown glass
Mechanical data
Dimension
51 x 95 x 8 mm
Mounting part
Screw M3
Sensing surface
0.3 cm²
Optical features
Light type
non-polarized light, also for
polarized light
Remarks
The degree of reflection is at maximum for vertical light infall.


Similar Part No. - BAM01YA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM0126 BALLUFF-BAM0126 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-03-31
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BAM01CF BALLUFF-BAM01CF Datasheet
101Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BAM01CM BALLUFF-BAM01CM Datasheet
93Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01H6 BALLUFF-BAM01H6 Datasheet
90Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-04-01
More results

Similar Description - BAM01YA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com