Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAM027U Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM027U
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM027U Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM027U Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BOS R-59
Order Code: BAM027U
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-01
Subject to change without notice: 240759
ETIM 6.0: EC002467
BAM027U_0.32_2021-04-01
1 / 1
Basic features
Use
for photoelectric retroreflective
sensors
for photoelectric laser
retroreflective sensors
Version
Reflective foil, micro-pyramids
Environmental conditions
Ambient temperature
-20...60 °C
Material
Housing material
Film
Material sensing surface
PMMA, rear coated Al
Mechanical data
Dimension
135 x 0.5 x 15 mm
Mounting part
Self-adhesive
Sensing surface
20.2 cm²
Optical features
Light type
non-polarized light, also for
polarized light
Remarks
The degree of reflection is at maximum for vertical light infall and when the reflector is at an optimum orientation to the light polarization direction.
Possible deviations in the reflector structure have no effect on function.


Similar Part No. - BAM027U

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM022W BALLUFF-BAM022W Datasheet
96Kb / 1P
Mechanical Protection
0.33_2021-04-13
BAM023R BALLUFF-BAM023R Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-04-01
BAM023T BALLUFF-BAM023T Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.34_2021-04-01
BAM023U BALLUFF-BAM023U Datasheet
93Kb / 1P
Reflectors, Fibers, Optics
0.34_2021-04-01
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
Mechanical Protection
0.33_2021-06-22
More results

Similar Description - BAM027U

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com