Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAM03FA Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM03FA
Description  Fastening Technology
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM03FA Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM03FA Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fastening Technology
BAM MB-CM-055-R15-4
Order Code: BAM03FA
Internet
www.balluff.com
eCl@ss 9.1: 27-27-37-01
Subject to change without notice: 280050
ETIM 6.0: EC000127
BAM03FA_0.22_2021-12-09
1 / 1
1) Magnet
Basic features
Scope of delivery
Magnetic mount with mounting
screws
Short description
Magnetic holder
Use
Condition Monitoring Sensor
BCM R15
Material
Housing material
Aluminum, Anodized
Housing material, surface protection Anodized
Mechanical data
Dimension
20 x 12.5 x 32 mm
Mounting part
Screw M3 (2x)
Tightening torque max.
1 Nm
Remarks
The magnetic holder BAM03FA is intended for temporary mounting of the condition monitoring sensors. The use of the magnetic holder can lead to
deviations from the accuracy specifications.


Similar Part No. - BAM03FA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM0330 BALLUFF-BAM0330 Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-05-20
BAM0331 BALLUFF-BAM0331 Datasheet
90Kb / 1P
Reflectors, Fibers, Optics
0.21_2021-05-20
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BAM0333 BALLUFF-BAM0333 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.24_2021-05-20
More results

Similar Description - BAM03FA

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK04-1A66B-500W MEDER-MK04-1A66B-500W_10 Datasheet
225Kb / 4P
Reed Sensors for Screw Fastening
MK5-1A66C-500W MEDER-MK5-1A66C-500W Datasheet
227Kb / 4P
Reed Sensors with Screw Fastening Slot
MK12-1A66C-500W MEDER-MK12-1A66C-500W_10 Datasheet
197Kb / 4P
Reed Sensors with Screw Fastening Mounting Holes
logo
Schurter Inc.
0031.1631 SCHURTER-0031.1631 Datasheet
73Kb / 1P
fixing nut fastening
logo
PHOENIX CONTACT
3240498 PHOENIX-3240498 Datasheet
56Kb / 2P
Fastening clip - RVT-PA 4
09/12/2020
logo
FIBOX Enclosing innovat...
4712045 FIBOX-4712045 Datasheet
40Kb / 1P
Wall fastening lug (4 pcs)
26.07.2023
8280002 FIBOX-8280002 Datasheet
49Kb / 1P
Wall fastening lug kit
26.07.2023
8280003 FIBOX-8280003 Datasheet
50Kb / 1P
Wall fastening lug kit
26.07.2023
3770674 FIBOX-3770674 Datasheet
39Kb / 1P
Wall fastening lug (4 pcs)
31.07.2023
8522346 FIBOX-8522346 Datasheet
40Kb / 1P
Wall fastening lug (4 pcs)
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com