Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFO00AT Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFO00AT
Description  Reflectors, Fibers, Optics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFO00AT Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFO00AT Datasheet HTML 1Page - Balluff Korea Ltd. BFO00AT Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reflectors, Fibers, Optics
BFO D13-XB-AB-EAK-10-01
Order Code: BFO00AT
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-06
Subject to change without notice: 168775
ETIM 6.0: EC002651
BFO00AT_0.32_2021-04-01
1 / 2
1) Protective tube
Basic features
Basic standard
IEC 60947-5-2
Reference base unit
BFB 75K-001-..
Use
for fiber optic base units BFB
Version
Ø 2.5, coax optics
Environmental conditions
Ambient temperature
-55...70 °C
Ambient temperature connection area Acc. to fiber optic sensor
IP rating
IP65
Material
Active surface, fiber arrangement
Ring around individual fiber
Fiber type material
PMMA
Housing material
Stainless steel (1.4305)
Material jacket
PE
Mechanical data
Active surface, fibers
Ø 0.5 mm
Ø 0.25 mm (9x)
Cable diameter D
2.20 mm
Cable length L
1 m
Cable, bending radius min.
15 mm
Cable, note
can be trimmed
Connection
Ø 2.2 mm
Connection type
Adapter sleeve, 1.00 m, PE
Dimension
Ø 2.5 x 20 mm
Fiber optic cable, structure
Single fiber in plastic jacket
Fiber bundle in plastic jacket
Length B min., without bending
15.00 mm
Mounting part
Diameter 2.5 mm
Tensile load max. at 20 °C
6 N (max. 3s)
Range/Distance
Range
60 mm
Rated operating distance Sn
60 mm
Real switching distance sr
60 mm
Remarks
The cutting tool is included in the scope of delivery
order other accessories separately.
Cut cable to length: use suitable cutting tool. Make a single cut, vertical to cable axis. The cut quality can affect the switching distance.
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
Route fiber optic cable so that no excessive tensile, compression or torsional forces are permitted. Observe permissible bending radiuses. Installation may
affect the switching distance.


Similar Part No. - BFO00AT

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFO00AP BALLUFF-BFO00AP Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-12-02
BFO00AR BALLUFF-BFO00AR Datasheet
97Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-05-26
BFO00AW BALLUFF-BFO00AW Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
More results

Similar Description - BFO00AT

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com