Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFO00C4 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFO00C4
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFO00C4 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFO00C4 Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BFO D22-XB-LB-EAK-15-SA1-02
Order Code: BFO00C4
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-06
Subject to change without notice: 213902
ETIM 6.0: EC002651
BFO00C4_0.28_2021-04-01
1 / 1
1) SMA 905
Basic features
Basic standard
IEC 60947-5-2
Reference base unit
BFS 33M-GSS-..
Use
for fiber optic base units BFB
Version
M6, coaxial optics
Environmental conditions
Ambient temperature
-55...70 °C
Ambient temperature connection area Acc. to fiber optic sensor
IP rating
IP65
Material
Active surface, fiber arrangement
Ring around individual fiber
Fiber type material
PMMA
Housing material
Stainless steel (1.4305)
Material jacket
PE
Mechanical data
Active surface, fibers
Ø 1.0 mm
Ø 0.25 mm (16x)
Cable diameter D
2.20 mm
Cable length L
2 m
Cable, bending radius min.
25 mm
Connection type
Cable, 2.00 m, PE
Dimension
Ø 6 x 17 mm
Fiber optic cable, structure
Single fiber in plastic jacket
Fiber bundle in plastic jacket
Length B min., without bending
20.00 mm
Mounting part
Nut M6x0.75
Tensile load max. at 20 °C
6 N (max. 3s)
Range/Distance
Range
80 mm
Rated operating distance Sn
80 mm
Real switching distance sr
80 mm
Remarks
The cutting tool is included in the scope of delivery
order other accessories separately.
Cut cable to length: use suitable cutting tool. Make a single cut, vertical to cable axis. The cut quality can affect the switching distance.
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
Route fiber optic cable so that no excessive tensile, compression or torsional forces are permitted. Observe permissible bending radiuses. Installation may
affect the switching distance.
Opto Symbols


Similar Part No. - BFO00C4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFO00C3 BALLUFF-BFO00C3 Datasheet
107Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-04-01
BFO00C5 BALLUFF-BFO00C5 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00C6 BALLUFF-BFO00C6 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00C7 BALLUFF-BFO00C7 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.35_2021-12-02
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
More results

Similar Description - BFO00C4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
BFO0003 BALLUFF-BFO0003 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-11-04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com