Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFO00CZ Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFO00CZ
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFO00CZ Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFO00CZ Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BFO N48-LA-04B-MZG-32-0,9
Order Code: BFO00CZ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-06
Subject to change without notice: 224395
ETIM 6.0: EC002651
BFO00CZ_0.25_2021-04-01
1 / 1
Basic features
Basic standard
IEC 60947-5-2
Reference base unit
BOS 16K-..-.FI-..
Version
UNF thread, standard
Environmental conditions
Ambient temperature
-45...275 °C
Ambient temperature connection area Acc. to fiber optic sensor
Material
Active surface, fiber arrangement
Homogeneous bundle
Fiber type material
Glass
Housing material
Brass
Material jacket
Stainless steel
Mechanical data
Active surface, fibers
Bundle Ø 3.2 mm
Cable length L
0.9 m
Cable, bending radius min.
25 mm
Connection
Ø 4.8 mm
Connection type
Adapter sleeve, 0.90 m, Stainless
steel
Fiber optic cable, structure
Fiber bundle in metal coil
Mounting part
Diameter 7.1 mm
Nut 5/16"-24UNF
Tensile load max. at 20 °C
67 N
Range/Distance
Range
500 mm
Rated operating distance Sn
500 mm
Real switching distance sr
500 mm
Remarks
Two BFO must be ordered for a complete pair.
Opto Symbols


Similar Part No. - BFO00CZ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFO00C3 BALLUFF-BFO00C3 Datasheet
107Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C5 BALLUFF-BFO00C5 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00C6 BALLUFF-BFO00C6 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00C7 BALLUFF-BFO00C7 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.35_2021-12-02
More results

Similar Description - BFO00CZ

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com