Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECONOPACK3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ECONOPACK3
Description  IGBT Chip in NPT-technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ECONOPACK3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  ECONOPACK3 Datasheet HTML 1Page - Infineon Technologies AG ECONOPACK3 Datasheet HTML 2Page - Infineon Technologies AG ECONOPACK3 Datasheet HTML 3Page - Infineon Technologies AG ECONOPACK3 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIGC156T120R2C
Edited by INFINEON Technologies AI PS DD HV3, L 7181-M, Edition 2, 03.09.2003
MAXIMUM RATINGS:
Parameter
Symbol
Value
Unit
Collector-emitter voltage, Tj=25 °C
V CE
1200
V
DC collector current, limited by Tjmax
I C
1 )
A
Pulsed collector current, tp limited by Tjmax
I cpuls
300
A
Gate emitter voltage
V GE
±20
V
Operating junction and storage temperature
Tj, Tstg
-55 ... +150
°C
1 ) depending on thermal properties of assembly
STATIC CHARACTERISTICS (tested on chip), Tj=25 °C, unless otherwise specified:
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Collector-emitter breakdown voltage
V(BR)CES
VGE=0V , IC=5mA
1200
Collector-emitter saturation voltage
VCE(sat)
VGE=15V, IC=100A
2.0
2.5
3.0
Gate-emitter threshold voltage
VGE(th)
IC=4mA , VGE=VCE
4.5
5.5
6.5
V
Zero gate voltage collector current
ICES
VCE=1200V , VGE=0V
600
µA
Gate-emitter leakage current
IGES
VCE=0V , VGE=20V
600
nA
Integrated gate resistor
RGint
5
Ω
ELECTRICAL CHARACTERISTICS (tested at component):
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Input capacitance
Ciss
-
6.5
-
Output capacitance
Coss
-
1
-
Reverse transfer capacitance
Crss
V CE=25V,
V GE=0V,
f =1MHz
-
0.5
-
nF
SWITCHING CHARACTERISTICS (tested at component), Inductive Load
Value
Parameter
Symbol
Conditions
1)
min.
typ.
max.
Unit
Turn-on delay time
t d(on)
-
160
320
Rise time
t r
-
80
160
Turn-off delay time
t d(off)
-
400
520
Fall time
t f
Tj=125 ° C
V CC =600V,
I C =100A,
V GE=+15/ - 15V,
RG=6.8 Ω
-
70
100
ns
1) values also influenced by parasitic L- and C- in measurement and package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com