Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3751
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3751 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3751 Datasheet HTML 8Page - Analog Devices LT3751 Datasheet HTML 9Page - Analog Devices LT3751 Datasheet HTML 10Page - Analog Devices LT3751 Datasheet HTML 11Page - Analog Devices LT3751 Datasheet HTML 12Page - Analog Devices LT3751 Datasheet HTML 13Page - Analog Devices LT3751 Datasheet HTML 14Page - Analog Devices LT3751 Datasheet HTML 15Page - Analog Devices LT3751 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3750A
16
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
06/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3420/LT3420-1
1.4A/1A, Photoflash Capacitor Charger with
Automatic Top-Off
Charges 220µF to 320V in 3.7 Seconds from 5V, VIN: 2.2V to 16V,
ISD < 1µA, 10-Lead MS Package
LT3468/LT3468-1
LT3468-2
1.4A, 1A, 0.7A, Photoflash Capacitor Charger
VIN: 2.5V to 16V, Charge Time: 4.6 Seconds for LT3468 (0V to 320V, 100µF,
VIN = 3.6V), ISD < 1µA, ThinSOT Package
LT3484-0/LT3484-1
LT3484-2
1.4A, 0.7A, 1A Photoflash Capacitor Charger
VIN: 1.8V to 16V, Charge Time: 4.6 Seconds for LT3484-0
(0V to 320V, 100µF, VIN = 3.6V), ISD < 1µA, 2mm × 3mm 6-Lead
DFN Package
LT3485-0/LT3485-1
LT3485-2/LT3485-3
1.4A, 0.7A, 1A, 2A Photoflash Capacitor Charger
with Output Voltage Monitor and Integrated IGBT
VIN: 1.8V to 10V, Charge Time: 3.7 Seconds for LT3485-0
(0V to 320V, 100µF, VIN = 3.6V), ISD < 1µA, 3mm × 3mm 10-Lead DFN
Driver
LT3751
High Voltage Flyback Capacitor Charger Controller VIN Range Depends on the Choice of External Components, 4mm × 5mm
20-Lead QFN and 20-Lead TSOP Packages
VCC
DONE
CHARGE
RVOUT
RDCM
GATE
SOURCE
VTRANS
60.4k
T1
1:10
D1
VOUT
300V
VTRANS
VCC
12V
•
•
C4
2.5mF
43k
8mΩ
M1
3750a TA05a
LT3750A
GND
RBG
100k
2.49k
100pF
OFF ON
C1
10µF
C1, C2: 25V X5R OR X7R CERAMIC CAPACITOR
C3: 25V SANYO OS-CON 25SVP56M
C4: CORNELL DUBILIER 7P252V360N082
D1: DIODES INC. MURS160
M1: NXP PHM21NQ15T
T1: WURTH 750032052 FLYBACK TRANSFORMER
C2
10µF
C3
56µF
×3
+
4, 5
6, 7
1
10
300V, 9A 2.5mF Capacitor Charger
Efficiency
Charge Time
VOUT (V)
0
70
80
75
85
90
95
100
50
100
150
200
3750a TA05b
250
300
VTRANS = 18V
VTRANS = 6V
VTRANS = 12V
TIME (SECONDS)
0
0
50
100
150
200
250
300
1
2
3
4
5
6
3750a TA05c
8
7
VTRANS = 18V
VTRANS = 6V
VTRANS = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com