Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB02 Datasheet(PDF) 2 Page - CUI INC

Part # MPB02
Description  MINI PUSH BUTTON SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MPB02 Datasheet(HTML) 2 Page - CUI INC

  MPB02 Datasheet HTML 1Page - CUI INC MPB02 Datasheet HTML 2Page - CUI INC MPB02 Datasheet HTML 3Page - CUI INC MPB02 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cuidevices.com
CUI Devices
│ SERIES: MPB02 │ DESCRIPTION: MINI PUSH BUTTON SWITCH
date 06/03/2021
│ page 2 of 4
5.08
4- 0.8
5.08
9.8
6
5.08
1.2
0.6
2.8
1.2
8.6
0.3t
4.3
0.7
5.08
4.5
5.4
6.3
8.6
0.3t
4.3
0.7
5.08
4.5
3.3
8.6
0.3t
4.3
0.7
5.08
4.5
EPOXY SEAL
EPOXY SEAL
EPOXY SEAL
5.1
2.8+0.03
0
MECHANICAL DRAWING (SPST CIRCUIT)
units: mm
tolerance: ±0.3 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
actuator
POM (UL94HB)
white
2
housing
PA66 (UL94V-0)
black
3
terminals
brass
gold
4
bracket
phosphor bronze
tin
5
cap
POM (UL94HB)
black (BK)
red (R)
white (WT)
Recommended PCB Layout
Top View
FLUSH ACTUATOR
3.3 MM ACTUATOR
5.4 MM ACTUATOR
Note: *Actuator cap only on 5.4 mm actuator height versions.
ACTUATOR CAP
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
OFF
(ON)
1-3
SCHEMATIC
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com