Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS151 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS151
Description  SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS151 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS151 Datasheet HTML 9Page - Texas Instruments SN74HCS151 Datasheet HTML 10Page - Texas Instruments SN74HCS151 Datasheet HTML 11Page - Texas Instruments SN74HCS151 Datasheet HTML 12Page - Texas Instruments SN74HCS151 Datasheet HTML 13Page - Texas Instruments SN74HCS151 Datasheet HTML 14Page - Texas Instruments SN74HCS151 Datasheet HTML 15Page - Texas Instruments SN74HCS151 Datasheet HTML 16Page - Texas Instruments SN74HCS151 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The SN74HCS151-Q1 is an 8-to-1 data selector/multiplexer. This application shows an example of using the
device with all required connections.
9.2 Typical Application
System
Controller
3:8
DECODER
A
B
C
G
GND
8:1
Multiplexer
D1
D2
D0
D4
D5
D3
D6
D7
Device 0
Device 1
Device 2
Device 3
Device 4
Device 5
Device 6
Device 7
Y
VCC
0.1…F
W
VCC
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
• All signals in the system operate at 5 V
• Avoid unstable state by not having LOW signals on both inputs
• Q output is HIGH when S is LOW
– Q output remains HIGH until R is LOW
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by all
outputs of the SN74HCS151-Q1 plus the maximum static supply current, ICC, listed in Electrical Characteristics
and any transient current required for switching. The logic device can only source as much current as is provided
by the positive supply source. Be sure not to exceed the maximum total current through VCC listed in the
Absolute Maximum Ratings.
www.ti.com
SN74HCS151-Q1
SCLS819B – AUGUST 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS151-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com