Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB-CAP Datasheet(PDF) 1 Page - CUI INC

Part # MPB-CAP
Description  MINI PUSH BUTTON SWITCH CAP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MPB-CAP Datasheet(HTML) 1 Page - CUI INC

  MPB-CAP Datasheet HTML 1Page - CUI INC MPB-CAP Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 06/03/2021
page 1 of 2
SERIES: MPB-CAP
│ DESCRIPTION: MINI PUSH BUTTON SWITCH CAP
cuidevices.com
PART NUMBER KEY
Base Number
MPB-CAP - X
Cap Color:
BLACK = Black
RED = Red
WHITE = White
MECHANICAL DRAWING
units: mm
tolerance: ±0.1 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
cap
POM (UL94HB)
black (BK)
red (R)
white (WT)
FEATURES
• cap for mini push button switches
• different colors available
Additional Resources: Product Page | 3D Model


Similar Part No. - MPB-CAP

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPB-05S MPD-MPB-05S Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-03 MPD-MPB-05S-03 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-05 MPD-MPB-05S-05 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-09 MPD-MPB-05S-09 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-12 MPD-MPB-05S-12 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
More results

Similar Description - MPB-CAP

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
MINI PUSH BUTTON
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
CUI INC
MPB01 CUI-MPB01 Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB02 CUI-MPB02 Datasheet
380Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB03 CUI-MPB03 Datasheet
351Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB04 CUI-MPB04 Datasheet
341Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB05 CUI-MPB05 Datasheet
353Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06 CUI-MPB06 Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com