Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U-P3-R4-V15 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # U-P3-R4-V15
Description  Base for read/write station, plug-in connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

U-P3-R4-V15 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  U-P3-R4-V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. U-P3-R4-V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Protocol
ASCII
Transfer rate
1200; 2400; 4800; 9600; 19200; 38400 Bit/s
Cable length
≤ 1200 m
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Degree of protection
IP67 according to EN 60529 with IPT*-FP
Connection
5-pin, M12 x 1 connector
Material
Housing
diecast aluminum
Connection
DIP-switch
address
Terminating
resistor
-
3
2 A
B 4
1
+
5
PE
+
-
24 V DC
B RS 485
A
2
3
4
5 LSB
OFF
1 MSB
ON
OFF
ON
Matching system components
IPT1-FP
LF R/W system, fully assembled as configuration and test station
Base for read/write station, plug-in connection
U-P3-R4-V15
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com