Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U-P4-R4 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # U-P4-R4
Description  Base for read/write station
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

U-P4-R4 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  U-P4-R4 Datasheet HTML 1Page - Pepperl+Fuchs Inc. U-P4-R4 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Base for read/write station
U-P4-R4
< Degree of protection IP67
< Simple bus system with up to 30 units
< Serial interface RS 485, addressable
Base with addressable serial Interface RS 485
Function
The base is used in combination with an upper part, the IPT*-FP read/write station. An addressable RS 485 interface is available. It is thus
possible to create a simple bus connection with up to 30 subscribers.
The address is set and the terminating resistor for the bus is connected via DIP switches.
The read/write station is connected to a higher-order control system via the serial interface and receives the commands for writing and/or reading
code or data carriers via this interface.
Dimensions
ø5.3
80
65
16
30
1/2" NPT
Technical Data
Indicators/operating means
DIP switch
Setting the station address
bus connection
ON = active OFF = non-active
Electrical specifications
Rated operating voltage
Ue
20 ... 30 V DC , ripple 10 %SS , PELV
Power consumption
P0
max. 4 W with read/write head IPT*-FP
Galvanic isolation
Operating voltage/interface
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Interface
Physical
RS-485, addressable , up to 30 bases , address 1 ... 30
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - U-P4-R4

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
U-P4-RX PF-U-P4-RX Datasheet
318Kb / 3P
Base for read/write station
More results

Similar Description - U-P4-R4

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
Read / Write Base Station IC
logo
ATMEL Corporation
U2270B ATMEL-U2270B_08 Datasheet
319Kb / 18P
Read/Write Base Station
logo
Pepperl+Fuchs Inc.
U-P3-R4 PF-U-P3-R4 Datasheet
316Kb / 2P
Base for read/write station
U-P3-RX PF-U-P3-RX Datasheet
361Kb / 3P
Base for read/write station
U-P4-RX PF-U-P4-RX Datasheet
318Kb / 3P
Base for read/write station
U-P6-B5-V PF-U-P6-B5-V Datasheet
392Kb / 2P
Base for read/write station
U-P6-B5 PF-U-P6-B5 Datasheet
350Kb / 2P
Base for read/write station
U-P6-B6-V15B PF-U-P6-B6-V15B Datasheet
363Kb / 2P
Base for read/write station
U-P6-B6 PF-U-P6-B6 Datasheet
332Kb / 2P
Base for read/write station
U-P7V4A-R4 PF-U-P7V4A-R4 Datasheet
707Kb / 2P
Base for read/write station, stainless steel version
2020-03-31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com