Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540N8-G Datasheet(PDF) 3 Page - Microchip Technology

Part # TN2540N8-G
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2540N8-G Datasheet(HTML) 3 Page - Microchip Technology

  TN2540N8-G Datasheet HTML 1Page - Microchip Technology TN2540N8-G Datasheet HTML 2Page - Microchip Technology TN2540N8-G Datasheet HTML 3Page - Microchip Technology TN2540N8-G Datasheet HTML 4Page - Microchip Technology TN2540N8-G Datasheet HTML 5Page - Microchip Technology TN2540N8-G Datasheet HTML 6Page - Microchip Technology TN2540N8-G Datasheet HTML 7Page - Microchip Technology TN2540N8-G Datasheet HTML 8Page - Microchip Technology TN2540N8-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2020 Microchip Technology Inc.
DS20005954A-page 3
TN2540
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All AC parameters are not 100% sample tested.
Parameter
Sym. Min. Typ. Max. Unit
Conditions
Forward Transconductance
GFS 125 200
— mmho VDS = 25V, ID = 100 mA
Input Capacitance
CISS
—
95
125
pF
VGS = 0V,
VDS = 25V,
f = 1 MHz
Common-Source Output Capacitance
COSS —
20
70
pF
Reverse Transfer Capacitance
CRSS —
10
25
pF
Turn-On Delay Time
td(ON) —
—
20
ns
VDD = 25V,
ID = 1A,
RGEN = 25Ω
Rise Time
tr
—
—
15
ns
Turn-Off Delay Time
td(OFF) —
—
25
ns
Fall Time
tf
—
—
20
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.8
V
VGS = 0V, ISD = 200 mA (Note 1)
Reverse Recovery Time
trr
—
300
—
ns
VGS = 0V, ISD = 1A
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated.
Pulse test: 300 µs pulse, 2% duty cycle
TEMPERATURE SPECIFICATIONS
Parameter
Sym. Min. Typ. Max. Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
3-lead TO-92
JA
—
132
—
°C/W
3-lead SOT-89
JA
—
73
—
°C/W
THERMAL CHARACTERISTICS
Package
ID (Note 1)
(Continuous)
(mA)
ID
(Pulsed)
(A)
Power Dissipation
at TA = 25°C
(W)
IDR (Note 1)
(mA)
IDRM
(A)
3-lead TO-92
175
2
1
175
2
3-lead SOT-89
260
1.8
1.6 (
Note 2)
260
1.8
Note 1: ID (continuous) is limited by maximum rated TJ.
2: TA = 25°C. Mounted on an FR5 Board, 25 mm x 25 mm x 1.57 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com