Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR812BA33 Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PR812BA33
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PR812BA33 Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PR812BA33 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PR812BA33 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PR812BA33 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PR812BA33 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PR812BA33 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PR812BA33 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
REV 1.0
3
K-12-1
N-Channel Enhancement Mode
Field Effect Transistor
PR812BA33
PowerFET
NIKO-SEM
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
3
IS
41
A
Forward Voltage
1
VSD
IF = 14A, VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 14A, dlF/dt = 100A / S
60
nS
Reverse Recovery Charge
Qrr
66
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3The maximum current rating is package limited.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com