Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV6D2DA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PV6D2DA
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PV6D2DA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PV6D2DA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PV6D2DA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PV6D2DA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PV6D2DA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
L-10-5
Dual N-Channel Enhancement Mode
Field Effect Transistor
PV6D2DA
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
REV 1.1
ELECTRICAL CHARACTERISTICS (TJ = 25 ° C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
40
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
1.3
1.79
2.3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40V, VGS = 0V
1
A
VDS = 40V, VGS = 0V, TJ = 55 ° C
10
Drain-Source On-State
Resistance
4
RDS(ON)
VGS = 4.5V, ID = 6.4A
23
35
mΩ
VGS =10V, ID = 6.4A
19.5
25
Forward Transconductance
4
gfs
VDS = 5V, ID = 6.4A
25
S
DYNAMIC
5,6
Input Capacitance
Ciss
VGS = 0V, VDS = 20V, f = 1MHz
435
pF
Output Capacitance
Coss
62
Reverse Transfer Capacitance
Crss
39
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
4.2
Ω
Total Gate Charge
Qg(VGS=10V)
VDS = 20V , ID = 6.4A
7.6
9.5
11.4
nC
Qg(VGS=4.5V)
4.2
5.2
6.2
Gate-Source Charge
Qgs
1
1.3
1.6
Gate-Drain Charge
Qgd
1.8
3
4.2
Turn-On Delay Time
td(on)
VDS = 20V ,
ID  6.4A, VGS = 10V, RGEN =6Ω
6
nS
Rise Time
tr
79
Turn-Off Delay Time
td(off)
23
Fall Time
tf
101
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 ° C)
Continuous Current
IS
1.6
A
Forward Voltage
4
VSD
IF = 6.4A, VGS = 0V
1.3
V
Diode Reverse Recovery Time
trr
IF= 6.4A, dI/dt=100A/μs
5.1
nS
Diode Reverse Recovery Charge
Qrr
1.6
nC
4Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
5Independent of operating temperature.
6Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com