Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDS-16S-7229-R-ASMT-TR Datasheet(PDF) 1 Page - CUI INC

Part # RDS-16S-7229-R-ASMT-TR
Description  ROTARY DIP SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RDS-16S-7229-R-ASMT-TR Datasheet(HTML) 1 Page - CUI INC

  RDS-16S-7229-R-ASMT-TR Datasheet HTML 1Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 2Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 3Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 4Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 5Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 6Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 7Page - CUI INC RDS-16S-7229-R-ASMT-TR Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
date 12/11/2020
page 1 of 8
cuidevices.com
SERIES: RDS-7229-ASMT
│ DESCRIPTION: ROTARY DIP SWITCH
FEATURES
• IP67 rated
• 4, 10, & 16 positions
• angled surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
switching
non-switching
50
50
Vdc
Vdc
rated current
switching
non-switching
100
100
mA
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
100
mΩ
insulation resistance
at 100 Vdc
100
MΩ
operating torque
200
gf*cm
actuator travel
continuous rotation
360
degrees
operating temperature
-40
85
°C
storage temperature
-40
85
°C
life
at 5 Vdc, 100 mA, 15~20 cycles/minute
10,000
steps
flammability rating
UL94V-0
RoHS
yes
IP level
IP67 (IEC 60529:2001)
PART NUMBER KEY
Base Number
RDS - XXS - 7229 - X - ASMT - TR
No. of Positions:
4 = 4 Positions
10 = 10 Positions
16 = 16 Positions
Actuator Style:
A = Flat Arrow
C = Flat Cross
R = Raised Arrow
S = Raised Slotted
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - RDS-16S-7229-R-ASMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
RDS-16S-7229-R-CR CUI-RDS-16S-7229-R-CR Datasheet
690Kb / 7P
ROTARY DIP SWITCH
RDS-16S-7229-R-D CUI-RDS-16S-7229-R-D Datasheet
665Kb / 7P
ROTARY DIP SWITCH
RDS-16S-7229-R-JSMT CUI-RDS-16S-7229-R-JSMT Datasheet
777Kb / 8P
ROTARY DIP SWITCH
RDS-16S-7229-R-JSMT-TR CUI-RDS-16S-7229-R-JSMT-TR Datasheet
777Kb / 8P
ROTARY DIP SWITCH
RDS-16S-7229-R-SMT CUI-RDS-16S-7229-R-SMT Datasheet
796Kb / 8P
ROTARY DIP SWITCH
More results

Similar Description - RDS-16S-7229-R-ASMT-TR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
Rotary Dip Switch
logo
Tyco Electronics
5-1825033-1 MACOM-5-1825033-1 Datasheet
219Kb / 2P
ROTARY DIP SWITCH
logo
CUI INC
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
ROTARY DIP SWITCH
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com