Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-CJC-SC-8 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # H-CJC-SC-8
Description  Resistance Thermometer for Cold Junction Compensation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

H-CJC-SC-8 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  H-CJC-SC-8 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Resistance Thermometer for Cold
Junction Compensation
H-CJC-SC-8
< For Cold Junction Compensation of HiD2081, HiD2082
< For H-System Termination Boards
< For terminal blocks with screw terminals
< Packaging unit: 8 pieces
Resistance thermometer for cold junction compensation for H-System termination boards
Function
The resistance thermometer is suitable for H-System applications.
The wires of the resistance thermometer are bended for usage of terminal blocks with screw terminals on the field side of the Termination Board.
The resistance thermometer is available as an optional accessory.
Dimensions
9.7
4.3
Technical Data
General specifications
Type
resistance thermometer (RTD) Cu109
Electrical specifications
Resistor
109 Ω
Mechanical specifications
Mass
approx. 3 g
Dimensions
8.3 x 9.7 x 4.3 mm (0.33 x 0.38 x 0.17 inch)
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - H-CJC-SC-8

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
H-CJC-SP-8 PF-H-CJC-SP-8 Datasheet
74Kb / 1P
Resistance Thermometer for Cold Junction Compensation
More results

Similar Description - H-CJC-SC-8

ManufacturerPart #DatasheetDescription
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
COLD JUNCTION COMPENSATION MODULE
logo
Analog Devices
AD8494 AD-AD8494 Datasheet
2Mb / 15P
Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
logo
Pepperl+Fuchs Inc.
H-CJC-PT100 PF-H-CJC-PT100 Datasheet
73Kb / 1P
Resistance Thermometer for Cold Junction Compensation
H-CJC-SP-8 PF-H-CJC-SP-8 Datasheet
74Kb / 1P
Resistance Thermometer for Cold Junction Compensation
KC-CJC-1BU PF-KC-CJC-1BU Datasheet
624Kb / 2P
Resistance Thermometer for Cold Junction Compensation
KC-CJC-1GN PF-KC-CJC-1GN Datasheet
585Kb / 2P
Resistance Thermometer for Cold Junction Compensation
K-CJC-BK PF-K-CJC-BK Datasheet
404Kb / 1P
Terminal Block for Cold Junction Compensation
K-CJC-BU PF-K-CJC-BU Datasheet
405Kb / 1P
Terminal Block for Cold Junction Compensation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com