Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1016274 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1016274
Description  PCB direct plug, Crimp connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1016274 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1016274 Datasheet HTML 8Page - PHOENIX CONTACT 1016274 Datasheet HTML 9Page - PHOENIX CONTACT 1016274 Datasheet HTML 10Page - PHOENIX CONTACT 1016274 Datasheet HTML 11Page - PHOENIX CONTACT 1016274 Datasheet HTML 12Page - PHOENIX CONTACT 1016274 Datasheet HTML 13Page - PHOENIX CONTACT 1016274 Datasheet HTML 14Page - PHOENIX CONTACT 1016274 Datasheet HTML 15Page - PHOENIX CONTACT 1016274 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1016274 CDDC 2,5/14-PV-5,0
REF 1016293
PHOENIX CONTACT 13 / 16
2020-02-20
Product version 01
Document revision 01
16
Environmental and durability tests
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
50 m/s
2
(60.1 - 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Note
The connected conductor loops were guided to the test sample at a distance of
approx. 10 cm.
16.1
Vibration test
Specification
IEC 60068-2-27:2008-02
Result
Test passed
Pulse shape
Semi-sinusoidal
Peak acceleration
300 m/s
2
Shock duration
18 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
16.2
Shock test
Specification
IEC 61984:2008-10
Main features
Connectors without switching capacity (COC)
Construction form
Fixed connectors
Strain relief elements
without strain relief
Connection method
Can be reconnected
Protection against electric shock
Not encapsulated - touch-proof when inserted
Protective conductor
without PE
Lock
no
Connection method
Crimp connections
17
Classification for connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com