Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIC2065 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HIC2065
Description  Voltage Repeater
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIC2065 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HIC2065 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Configuration
S1
Lead
Breakage
Detection
ON
OFF
S2
Upscale/
Downscale
Burnout
Detection
DOWN
UP
Technical Data
General specifications
Signal type
Analog input
Supply
Connection
SL1: 1a, 1b(-); 2a, 2b(+)
Rated voltage
Ur
20 ... 30 V DC bus powered via Termination Board
Ripple
within the supply tolerance
Rated current
Ir
≤ 22 mA
Power dissipation/power consumption
0.7 W max.
Lockout voltage
> 11 V DC
Input
Connection side
field side
Connection
SL2: 5a(+), 5b(-)
Input resistance
≥ 16 MΩ
Transmission range
0 ... ± 50 mV
Offset voltage/current
≤ 5 µV / ≤ 5 nA
Output
Connection side
control side
Connection
SL1: 8a(+), 7a(-)
Voltage
0 ... ± 50 mV
Load
Accuracy figures for infinite load impedance. Additional 0.03 % of span for a load
resistance of 10 kΩ
Output resistance
max. 3 Ω
Line fault detection
input: ± 100 mV
output: +200 mV, -115 mV
Fault indication output
Connection
SL1: 6b
Output type
open collector transistor (internal fault bus)
Fault voltage
< Vcc/2 (when connected to Vcc via 10 kΩ pull up resistor)
Transfer characteristics
Deviation
Voltage Repeater
HiC2065
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com