Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAPSTOFUL Datasheet(PDF) 2 Page - Schurter Inc.

Part # CAPSTOFUL
Description  Caps to Holder FUL (IP 67)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CAPSTOFUL Datasheet(HTML) 2 Page - Schurter Inc.

  CAPSTOFUL Datasheet HTML 1Page - Schurter Inc. CAPSTOFUL Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Accessories
Caps to FUL (IP 67)
https://www.schurter.com /PGZ02
Circuit Protection
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
34.7 mm
34.7
0031.2322
31.3
0031.2320
All Variants
Cap
Fuse-Link
Degree of Protection Order Number
slotted
6.3 x 32mm
IP67
0031.2320
█
slotted
5 x 20mm
IP67
0031.2322
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.
schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
Plastic Bag (25 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com