Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1202072
Description  Tool set - CRIMPSET 6
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1202072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1202072 Datasheet HTML 1Page - PHOENIX CONTACT 1202072 Datasheet HTML 2Page - PHOENIX CONTACT 1202072 Datasheet HTML 3Page - PHOENIX CONTACT 1202072 Datasheet HTML 4Page - PHOENIX CONTACT 1202072 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1202072
09/11/2020   Page 1 / 5
Tool set - CRIMPSET 6 - 1202072
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assortment box, metal, supplied with ferrules acc. to DIN 46228-4: 1990-09, 500 pcs. each of AI 0,25-6 YE, AI
0,34-6 TQ, AI 0,5-8 WH, AI 0,75-8 GY, AI 1-8 RD, AI 1,5-8 BK, 300 pcs. AI 2,5-8 BU, 200 pcs. 4-10 GY, 100
pcs. AI 6-12 YE, CRIMPFOX 6T, QUICK WIREFOX 6
Product Description
Tool set, equipped
Your advantages
 We have put together a number of attractive tool sets for you by selecting products from our comprehensive range of professional tools
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918017699
Technical data
Dimensions
Length (b)
206 mm
Width (a)
357 mm
Height (c)
48 mm
General
Base element material
Metal
Environmental Product Compliance
California Proposition 65
Further information on California's prop. 65 is available under
"Downloads" in the manufacturer's declaration
Articles in set
Ferrule - AI 0,25- 6 YE - 3203024
Ferrule, sleeve length: 6 mm, length: 10.5 mm, color: yellow
 
 


Similar Part No. - 1202072

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12020 ARIES-12020 Datasheet
709Kb / 1P
Single and Dual Row Solder Pin Tails Collet Socket ??Series 518
logo
Norgren Ltd
12020 NORGREN-12020 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
List of Unclassifed Man...
12020035 ETC2-12020035 Datasheet
99Kb / 2P
To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Molex Electronics Ltd.
1202010015 MOLEX-1202010015 Datasheet
34Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (90°), 18 AWG, Yellow TPE Cable, 20.0m (65.62) Length
03/06/2023
logo
PHOENIX CONTACT
1202085 PHOENIX-1202085 Datasheet
48Kb / 2P
Tool set - SZ SORTI 1
More results

Similar Description - 1202072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1208843 PHOENIX-1208843 Datasheet
57Kb / 3P
Tool set - TOOL SET ALLROUND 2
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1208953 PHOENIX-1208953 Datasheet
59Kb / 3P
Tool set - TOOL-SET ALLROUND 3
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
Tool set - TOOL-KIT STANDARD
1212538 PHOENIX-1212538 Datasheet
47Kb / 2P
Tool set - SF-TXH SET
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212544 PHOENIX-1212544 Datasheet
48Kb / 3P
Tool set - SF-LHEX SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
1411049 PHOENIX-1411049 Datasheet
83Kb / 5P
Tool set - FOC-TOOL-GOF KONF SET
1411051 PHOENIX-1411051 Datasheet
61Kb / 2P
Tool set - FOC-TOOL-PCF KONF SET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com